Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2707 Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2707
Description  Inductive-Boost Series LED Driver with Programmable Oscillator Frequency
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2707 Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button LM2707 Datasheet HTML 11Page - National Semiconductor (TI) LM2707 Datasheet HTML 12Page - National Semiconductor (TI) LM2707 Datasheet HTML 13Page - National Semiconductor (TI) LM2707 Datasheet HTML 14Page - National Semiconductor (TI) LM2707 Datasheet HTML 15Page - National Semiconductor (TI) LM2707 Datasheet HTML 16Page - National Semiconductor (TI) LM2707 Datasheet HTML 17Page - National Semiconductor (TI) LM2707 Datasheet HTML 18Page - National Semiconductor (TI) LM2707 Datasheet HTML 19Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
Application Circuits (Continued)
LM2707 DC-DC VOLTAGE CONVERTER CIRCUIT
20099240
Curves for V
OUT = 12V. RFB1 = 126k
Ω,R
FB2 = 10k
Ω, L = 22µH (Coilcraft DT1608C-223), D = MBR0520L (Vishay), C
IN = 1µF,
C
OUT = 2x1µF, CX = 68pF, TA =25
oC. A 1
Ω resistor was placed between the V
IN and LX pins to increase the current limit and
accomodate load currents above of 15mA.
Output Voltage vs. Input Voltage
20099254
Power Efficiency vs. Input Voltage
20099256
Output Voltage vs. Output Current
20099255
Power Efficiency vs. Output Current
20099257
www.national.com
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com