Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2707MF Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2707MF
Description  Inductive-Boost Series LED Driver with Programmable Oscillator Frequency
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2707MF Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button LM2707MF Datasheet HTML 11Page - National Semiconductor (TI) LM2707MF Datasheet HTML 12Page - National Semiconductor (TI) LM2707MF Datasheet HTML 13Page - National Semiconductor (TI) LM2707MF Datasheet HTML 14Page - National Semiconductor (TI) LM2707MF Datasheet HTML 15Page - National Semiconductor (TI) LM2707MF Datasheet HTML 16Page - National Semiconductor (TI) LM2707MF Datasheet HTML 17Page - National Semiconductor (TI) LM2707MF Datasheet HTML 18Page - National Semiconductor (TI) LM2707MF Datasheet HTML 19Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
Application Information (Continued)
Table 1. Time-Averaged LED Current vs. PWM Frequency and Duty Cycle
PWM Frequency
D = 10%
D = 20%
D = 30%
D = 50%
D = 90%
200 Hz
2.3
3.8
5.3
8.2
13.9
1 kHz
3.7
6.0
7.4
10.0
14.4
10 kHz
2.6
5.9
9.1
13.4
14.8
20 kHz
1.0
4.7
8.6
13.6
14.8
40 kHz
OFF
1.8
5.1
12.0
14.8
50 kHz
OFF
OFF
5.7
10.3
14.8
VIN = 3.6V, 4 LEDs, RFB =34Ω,ILED = 14.9mA when V(EN) is HIGH.
A benefit of PWM brightness adjustment is the characteristic
that LEDs are driven with the same current level (max cur-
rent) at all brightness levels. Other methods that adjust
brightness by changing the DC forward current of the LEDs
may see a slight change in color at different brightness
levels.
With the addition of an external resistor, an analog voltage
can be used to adjust LED brightness, as shown in Figure
10. When the analog voltage is above the feedback voltage,
0.515V (typ.), the analog voltage source adds current to
feedback node. In order to keep the feedback voltage regu-
lated, the LM2707 responds by reducing the current through
the LEDs. Conversely, LED current increases when the ana-
log voltage is below the feedback voltage.
A 4-level digital brightness adjustment, shown in Figure 11,
can be implemented with a pair of external resistors and two
digital logic signals. The workings of the circuit are similar to
the analog voltage control: LED currents are set based on
the current that is added to or removed from the FB node
from the digital voltage supplies.
20099235
FIGURE 10. LM2707 LED-Drive Circuit with Analog Voltage Brightness Control
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com