Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM27953 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM27953
Description  White LED Driver with Four LED Current Sinks and 3/2x Switched Capacitor Boost
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM27953 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM27953 Datasheet HTML 1Page - National Semiconductor (TI) LM27953 Datasheet HTML 2Page - National Semiconductor (TI) LM27953 Datasheet HTML 3Page - National Semiconductor (TI) LM27953 Datasheet HTML 4Page - National Semiconductor (TI) LM27953 Datasheet HTML 5Page - National Semiconductor (TI) LM27953 Datasheet HTML 6Page - National Semiconductor (TI) LM27953 Datasheet HTML 7Page - National Semiconductor (TI) LM27953 Datasheet HTML 8Page - National Semiconductor (TI) LM27953 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Electrical Characteristics (Notes 2, 7) (Continued)
Limits in standard typeface are for T
J = 25˚C, and limits in boldface type apply over the full operating temperature range. Un-
less otherwise specified: V
IN = 3.6V; VDx = 0.6V; EN = 1.5V; RSET = 8.35k
Ω;C
IN,C1,C2 , and CPOUT = 1µF. (Note 8)
Symbol
Parameter
Condition
Min
Typ
Max
Units
t
START
Start-up Time
I
Dx = 90% steady state
350
µs
1.5x/1x
Charge pump gain cross-over:
Gain = 1.5 when V
IN is below
threshold. Gain = 1 when V
IN is
above threshold.
1.5x to 1x Threshold
4.75
V
1x to 1.5x Threshold
4.55
V
Logic Pin Specifications: EN
V
IL
Input Logic Low
2.7V
≤ V
IN
≤ 5.5V
0
0.5
V
V
IH
Input Logic High
2.7V
≤ V
IN
≤ 5.5V
1.1
V
IN
V
I
LEAK
Input Leakage Current
V
EN = 0V
0.1
µA
V
EN = 3V (Note 12)
10
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the component may occur. Operating Ratings are conditions under which operation of
the device is guaranteed. Operating Ratings do not imply guaranteed performance limits. For guaranteed performance limits and associated test conditions, see the
Electrical Characteristics tables.
Note 2: All voltages are with respect to the potential at the GND pin.
Note 3: Internal thermal shutdown circuitry protects the device from permanent damage. Thermal shutdown engages at TJ = 160˚C (typ.) and disengages at TJ =
120˚C (typ.). The thermal shutdown function is guaranteed by design.
Note 4: The Human body model is a 100pF capacitor discharged through a 1.5k
Ω resistor into each pin. The machine model is a 200pF capacitor discharged
directly into each pin. MIL-STD-883 3015.7
Note 5: In applications where high power dissipation and/or poor package thermal resistance is present, the maximum ambient temperature may have to be
derated. Maximum ambient temperature (TA-MAX) is dependent on the maximum operating junction temperature (TJ-MAX-OP = 125˚C), the maximum power
dissipation of the device in the application (PD-MAX), and the junction-to ambient thermal resistance of the part/package in the application (θJA), as given by the
following equation: TA-MAX =TJ-MAX-OP –(θJA xPD-MAX).
Note 6: Junction-to-ambient thermal resistance is highly dependent on application and board layout. In applications where high maximum power dissipation exists,
special care must be paid to thermal dissipation issues in board design.
Note 7: Min and Max limits are guaranteed by design, test, or statistical analysis. Typical numbers are not guaranteed, but do represent the most likely norm.
Note 8: CIN,CPOUT,C1, and C2 : Low-ESR Surface-Mount Ceramic Capacitors (MLCCs) used in setting electrical characteristics
Note 9: For the group of outputs on a part, the following are determined: the maximum output current in the group (MAX), the minimum output current in the group
(MIN), and the average output current of the group (AVG). For the group, two matching numbers are calculated: (MAX-AVG)/AVG and (AVG-MIN)/AVG. The largest
number of the two (worst case) is considered the matching figure for the group. The typical specification provided is the most likely norm of the matching figure for
all parts.
Note 10: Output resistance (ROUT) models all voltage losses in the charge pump. ROUT can be used to estimate the voltage at the charge pump output (POUT):
VPout =(1.5xVIN)– (ROUT xIOUT). In the equation, IOUT is the total output current: the sum of all active Dxx output currents and all current drawn from POUT. The
equation applies when the charge pump is operating with a gain of 3/2 (VIN ≤ 4.75V typ.).
Note 11: Headroom voltage: VHR =VPout –VLEDx . If headroom voltage requirement is not met, LED current regulation will be compromised.
Note 12: There is a 300k
Ω(typ.) pull-down resistor connected internally between the enable pin (EN) and GND.
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com