Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1069554 Datasheet(PDF) 3 Page - SICK AG

Part # 1069554
Description  PHOTOELECTRIC SENSORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1069554 Datasheet(HTML) 3 Page - SICK AG

  1069554 Datasheet HTML 1Page - SICK AG 1069554 Datasheet HTML 2Page - SICK AG 1069554 Datasheet HTML 3Page - SICK AG 1069554 Datasheet HTML 4Page - SICK AG 1069554 Datasheet HTML 5Page - SICK AG 1069554 Datasheet HTML 6Page - SICK AG 1069554 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
GRTE18S-E236Z | GR18S
PHOTOELECTRIC SENSORS
Switching mode
Dark switching
Output current Imax.
100 mA 3)
Response time
< 1,000 µs 4)
Switching frequency
500 Hz 5)
Connection type
Connector M12, 3-pin
Circuit protection
6)
7)
8)
Protection class
III
Housing material
Metal, Nickel-plated brass and ABS
Optics material
Plastic, PMMA
Enclosure rating
IP67
Items supplied
Fastening nuts (2 x)
EMC
EN 60947-5-2
Ambient operating temperature
–25 °C ... +55 °C 9)
Ambient storage temperature
–40 °C ... +70 °C
UL File No.
NRKH.E348498 & NRKH7.E348498
1) Limit values when operated in short-circuit protected network: max. 8 A.
2) May not exceed or fall below Uv tolerances.
3) At Uv > 24 V or ambient temperature > 49 °C, IA max. = 50 mA.
4) Signal transit time with resistive load.
5) With light/dark ratio 1:1.
6) A = VS connections reverse-polarity protected.
7) B = inputs and output reverse-polarity protected.
8) D = outputs overcurrent and short-circuit protected.
9) At Uv <=24V and IA<50mA.
Classifications
ECl@ss 5.0
27270903
ECl@ss 5.1.4
27270903
ECl@ss 6.0
27270903
ECl@ss 6.2
27270903
ECl@ss 7.0
27270903
ECl@ss 8.0
27270903
ECl@ss 8.1
27270903
ECl@ss 9.0
27270903
ETIM 5.0
EC001821
ETIM 6.0
EC001821
UNSPSC 16.0901
39121528
2017-12-07 16:01:50 | Online data sheet
Subject to change without notice
PHOTOELECTRIC SENSORS | SICK
3



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com