Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC133 Datasheet(PDF) 3 Page - Samsung semiconductor

Part # PC133
Description  32Mx64 SDRAM SODIMM based on 16Mx16, 4Banks, 8K Refresh,3.3V Synchronous DRAMs with SPD
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

PC133 Datasheet(HTML) 3 Page - Samsung semiconductor

  PC133 Datasheet HTML 1Page - Samsung semiconductor PC133 Datasheet HTML 2Page - Samsung semiconductor PC133 Datasheet HTML 3Page - Samsung semiconductor PC133 Datasheet HTML 4Page - Samsung semiconductor PC133 Datasheet HTML 5Page - Samsung semiconductor PC133 Datasheet HTML 6Page - Samsung semiconductor PC133 Datasheet HTML 7Page - Samsung semiconductor PC133 Datasheet HTML 8Page - Samsung semiconductor PC133 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
M464S3254DTS
Rev. 0.0 Jan. 2002
PC133/PC100 SODIMM
FUNCTIONAL BLOCK DIAGRAM
VDD
Vss
Three 0.1 uF X7R 0603 Capacitors
per each SDRAM
To all SDRAMs
A0 ~ A12, BA0 & 1
CKE0
RAS
CAS
WE
SDRAM U0 ~ U7
SDRAM U0 ~ U7
SDRAM U0 ~ U7
SDRAM U0 ~ U7
SDRAM U0 ~ U3
DQM4
CS0
DQM0
DQM1
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
U0
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
DQ8
DQ9
DQ10
DQ11
DQ12
DQ13
DQ14
DQ15
DQ8
DQ9
DQ10
DQ11
DQ12
DQ13
DQ14
DQ15
LDQM
CS
UDQM
DQM5
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
U2
DQ32
DQ33
DQ34
DQ35
DQ36
DQ37
DQ38
DQ39
DQ8
DQ9
DQ10
DQ11
DQ12
DQ13
DQ14
DQ15
DQ40
DQ41
DQ42
DQ43
DQ44
DQ45
DQ46
DQ47
LDQM
CS
UDQM
DQM6
DQM2
DQM3
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
U1
DQ16
DQ17
DQ18
DQ19
DQ20
DQ21
DQ22
DQ23
DQ8
DQ9
DQ10
DQ11
DQ12
DQ13
DQ14
DQ15
DQ24
DQ25
DQ26
DQ27
DQ28
DQ29
DQ30
DQ31
LDQM
CS
UDQM
DQM7
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
U3
DQ48
DQ49
DQ50
DQ51
DQ52
DQ53
DQ54
DQ55
DQ8
DQ9
DQ10
DQ11
DQ12
DQ13
DQ14
DQ15
DQ56
DQ57
DQ58
DQ59
DQ60
DQ61
DQ62
DQ63
LDQM
CS
UDQM
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
U6
DQ8
DQ9
DQ10
DQ11
DQ12
DQ13
DQ14
DQ15
LDQM
CS
UDQM
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
U7
DQ8
DQ9
DQ10
DQ11
DQ12
DQ13
DQ14
DQ15
LDQM
CS
UDQM
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
U4
DQ8
DQ9
DQ10
DQ11
DQ12
DQ13
DQ14
DQ15
LDQM
CS
UDQM
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
U5
DQ8
DQ9
DQ10
DQ11
DQ12
DQ13
DQ14
DQ15
LDQM
CS
UDQM
CS1
CKE1
SDRAM U4 ~ U7
U0/U4
U1/U5
CLK0/1
U2/U6
U3/U7
DQn
Every DQ pin of SDRAM
10
Ω
Serial PD
SDA
SCL
SA1 SA2
SA0
WP
47K
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com