Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI3B16212 Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI3B16212
Description  3.3V, 24-Bit Bus Exchange Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3B16212 Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI3B16212 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3B16212 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3B16212 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3B16212 Datasheet HTML 4Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
PS8180A
08/21/01
PI3B16212
PI3B162212
3.3V,24-BitBus-ExchangeSwitch
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
Pericom Semiconductor Corporation
2380 Bering Drive • San Jose, CA 95131 • 1-800-435-2336 • Fax (408) 435-1100 • http://www.pericom.com
56-Pin TSSOP (A) Package
56-Pin SSOP (V) Package
0.25
0.20
.025 BSC
0.635
.008
.008
.016
0-8˚
0.20
0.40
.110 2.79
.010
Gauge Plane
.291
.299
X.XX
X.XX
DENOTES DIMENSIONS
IN MILLIMETERS
7.39
7.59
.396
.416
10.06
10.56
.02
.04
0.51
1.01
.015
.025
0.381
0.635
.720
.730
18.29
18.54
.008
.0135
0.20
0.34
1
56
x 45˚
Nom.
Max
t
r
a
Pn
i
Pe
g
a
k
c
a
Ph
t
d
i
We
r
u
t
a
r
e
p
m
e
T
A
2
1
2
6
1
B
3
I
P
6
5
P
O
S
S
Tli
m
-
0
4
2
C
°
5
8
o
t
C
°
0
4
–
V
2
1
2
6
1
B
3
I
PP
O
S
Sli
m
-
0
0
3
OrderingInformation



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com