Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDD240 Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # LDD240
Description  Industrial machine control
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

LDD240 Datasheet(HTML) 2 Page - Bel Fuse Inc.

  LDD240 Datasheet HTML 1Page - Bel Fuse Inc. LDD240 Datasheet HTML 2Page - Bel Fuse Inc. LDD240 Datasheet HTML 3Page - Bel Fuse Inc. LDD240 Datasheet HTML 4Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
LDD240 Series
tech.support@psbel.com
LDD240-11024
110 VDC (90 - 148 VDC)
2.6 A – 3.6 A
24 VDC
10 A
Technical parameters are typical, measured in laboratory environment at 25°C at 110 VDC and nominal values, after minimum
5 minutes of operation.
Input DC Voltage Range
Rated
Operating
110 VDC
90 - 148 VDC
Input DC Current
Vin = Min
Vin = Max
3.6 A
2.6 A
Input Overvoltage Protection
Active shutdown
> 150 VDC
Inrush Peak Current
< 150 A
Internal Protection Fuse
Not user replaceable
Fuse AT 5 A
Recommended External Protection
Use DC rated devices
MCB 6 A C curve
Output Power
240 W
Rated Voltage (Adjustable Voltage Range)
24 VDC (23 – 27.5 VDC)
Continuous Current
10 A
Overload Limit
15 A
Short Circuit Peak Current
21 A
Load Regulation
≤ 1.5%
Ripple & Noise1
≤ 50 mVpp
Hold up Time
≥10 ms
Protections
Overload/short circuit: Hiccup mode
Thermal protection
Output overvoltage
Output Over Voltage Protection
≥ 33 VDC
Status Signals
DC OK - green LED
OVERLOAD - red LED
DC OK - dry contact (NO, 24 VDC / 1 A)
Parallel Connection
Possible for power or redundancy (includes
internal ORing circuit)
Efficiency
> 88 %
Dissipated Power
< 31 W
1
Ripple and Noise are measured with 20 MHz bandwidth, probe terminated with a 0.1
μF MKP parallel capacitor.
NOTE: Power rating, losses, efficiency, ripple, thermal behaviour and start-up may change outside of the nominal rated input range.
Contact factory for details.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com