Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDN85 Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # LDN85
Description  Survey Systems
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

LDN85 Datasheet(HTML) 2 Page - Bel Fuse Inc.

  LDN85 Datasheet HTML 1Page - Bel Fuse Inc. LDN85 Datasheet HTML 2Page - Bel Fuse Inc. LDN85 Datasheet HTML 3Page - Bel Fuse Inc. LDN85 Datasheet HTML 4Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
LDN85 Series
tech.support@psbel.com
LDN85-5
120 - 240 VAC (110 - 345 VDC)
1
5 VDC
8.5 A
LDN85-24
120 - 240 VAC (110 - 345 VDC)
1
24 VDC
3.5 A
LDN85-24P
120 - 240 VAC (110 - 345 VDC)
1
24 VDC
3.5 A
Technical parameters are typical, measured in laboratory environment at 25°C and 240 VAC / 50 Hz, at nominal values, after
minimum 5 minutes of operation.
Input AC Voltage Range
Rated (UL certified)
Operating
120 - 240 VAC
90 - 264 VAC
Input DC Voltage Range
Rated
110 - 345 VDC
Input Frequency Range
47 - 63 Hz
Input AC Current
LDN85-5
Vin = 120 VAC
Vin = 240 VAC
1.0 A
0.6 A
LDN85-24, LDN85-24P
Vin = 120 VAC
Vin = 240 VAC
1.5 A
0.9 A
Input DC Current
LDN85-5
Vin = 110 VDC
Vin = 345 VDC
0.7 A
0.3 A
LDN85-24, LDN85-24P
Vin = 110 VDC
Vin = 345 VDC
1.0 A
0.4 A
Inrush Peak Current
≤ 40 A
Touch (Leakage) Current
≤ 0.45 mA
Internal Protection Fuse
Not user replaceable
Fuse 2 AT
Recommended External Protection
It is strongly recommended to provide external surge
arresters (SPD) according to local regulations
Fuse 6AT or MCB 6A C curve
Output Power
85 W
Rated Voltage
(Adjustable Voltage Range)
LDN85-5
LDN85-24 / LDN85-24P
5 VDC (4.75 – 5.25 VDC)
24 VDC (23 – 28 VDC)
Continuous Current
LDN85-5
LDN85-24 / LDN85-24P
8.5 A
3.5 A
Overload Limit
LDN85-5
LDN85-24 / LDN85-24P
11 A
5 A
Short Circuit Peak Current
LDN85-5
LDN85-24
LDN85-24P
20 A
30 A
20 A
Load Regulation
LDN85-5
LDN85-24
LDN85-24P
≤ 3.5%
≤ 1%
≤ 2.5%
Ripple & Noise1
LDN85-5
LDN85-24 / LDN85-24P
≤ 130 mVpp
≤ 50 mVpp
Hold up Time
Vin = 120 VAC
Vin = 240 VAC
> 15 ms
> 50 ms
Protections
Overload, short circuit: Hiccup mode
Thermal protection
Output overvoltage
Output Over Voltage Protection
LDN85-5
LDN85-24 / LDN85-24P
> 6.8 VDC
> 33 VDC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com