Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDN481 Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # LDN481
Description  Industrial automation
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

LDN481 Datasheet(HTML) 2 Page - Bel Fuse Inc.

  LDN481 Datasheet HTML 1Page - Bel Fuse Inc. LDN481 Datasheet HTML 2Page - Bel Fuse Inc. LDN481 Datasheet HTML 3Page - Bel Fuse Inc. LDN481 Datasheet HTML 4Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
LDN481 Series
tech.support@psbel.com
LDN481-24
90-132 / 187-264 VAC (270 - 345 VDC)
1
24 VDC
20 A
LDN481-48
90-132 / 187-264 VAC (270 - 345 VDC)
1
48 VDC
10 A
LDN481-72
90-132 / 187-264 VAC (270 - 345 VDC)
1
72 VDC
6.7 A
Technical parameters are typical, measured in laboratory environment at 25°C and 240 VAC / 50 Hz, at nominal values, after minimum 5
minutes of operation.
Input AC Voltage Range
Rated ( UL certified) Settable with Voltage Selector Bridge
Operating
120 / 240 VAC
90 – 132 / 187 – 264 VAC
Input DC Voltage Range
Rated (without Voltage Selector Bridge)
270 – 345 VDC
Input Frequency
47 – 63 Hz
Input AC Current
Vin = 120 VAC
Vin = 240 VAC
7.2 A
4.3 A
Input DC Current
Vin = 270 VDC
Vin = 345 VDC
2.2 A
1.9 A
Inrush Peak Current
≤ 35 A
Touch (Leakage) Current
≤ 1 mA
Internal Protection Fuse
None, external fuse must be provided
Recommended External Protection
It is strongly recommended to provide external surge
arresters (SPD) according to local regulations
Fuse AT 16A or MCB 16A C
Output Power
480 W
Rated Voltage
(Adjustable Voltage Range)
LDN481-24
LDN481-48
LDN481-72
24 VDC (23 – 28 VDC)
48 VDC (45 – 55 VDC)
72 VDC (72 – 85 VDC)
Continuous Current
LDN481-24
LDN481-48
LDN481-72
20 A
10 A
6.7 A
Overload Limit (Constant Current Mode)
LDN481-24
LDN481-48
LDN481-72
22 A
11 A
7.5 A
Overload Limit (Hiccup Mode) Max. 5 s
LDN481-24
LDN481-48
LDN481-72
30 A
15 A
10 A
Load Regulation
LDN481-24
LDN481-48 / LDN481-72
≤ 1.0%
≤ 0.5%
Ripple & Noise1
LDN481-24 / LDN481-48
LDN481-72
≤ 100 mVpp
≤ 200 mVpp
Hold up Time
≥ 35 ms
Protections
Overload, short circuit: Constant current or Hiccup mode
(user settable)
Thermal protection
Output overvoltage
Output Over Voltage Protection
LDN481-24
LDN481-48
LDN481-72
≥ 33 VDC
≥ 68 VDC
≥ 100 VDC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com