Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBC40 Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # MBC40
Description  Cover Kit Accessory Available
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

MBC40 Datasheet(HTML) 2 Page - Bel Fuse Inc.

  MBC40 Datasheet HTML 1Page - Bel Fuse Inc. MBC40 Datasheet HTML 2Page - Bel Fuse Inc. MBC40 Datasheet HTML 3Page - Bel Fuse Inc. MBC40 Datasheet HTML 4Page - Bel Fuse Inc. MBC40 Datasheet HTML 5Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
MBC40 Series
tech.support@psbel.com
MODEL1
OUTPUT VOLTAGE (VDC)
MAX LOAD (A)2
MINIMUM LOAD (A)3
RIPPLE & NOISE 4
Specifications are for nominal input voltage, 25°C unless otherwise stated.
PARAMETER
DESCRIPTION / CONDITION
SPECIFICATION
Input Voltage
Universal
90 - 264 VAC
Input Frequency6
47 to 400 Hz
Input Current
120 VAC:
230 VAC:
0.85 A max.
0.45 A max.
No Load Power
Single output models
Multi output models
< 0.3 W
< 0.5 W
Inrush Current
120 VAC:
230 VAC:
30 A max.
60 A max.
Leakage Current
120 VAC:
230 VAC:
< 140 µA
<250 µA
Switching Frequency
Typical
67
67 Hz
1 For Class II add suffix -2 (e.g.: MBC40-1012G-2).
2 Maximum current per output channel. Do not exceed total output power rating.
3 Minimum load specified to meet cross regulation.
4 Ripple is peak to peak with 20 MHz bandwidth and 10 µF (Tantalum capacitor) in parallel with a 0.1 µF capacitor at rated line voltage
and load ranges.
5 For MBC40-3003G efficiency is 75% typical.
6 Safety Approved: 47 to 63 Hz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com