Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPM409 Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # LPM409
Description  Standard output voltages of 1.5 to 54 VDC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

LPM409 Datasheet(HTML) 2 Page - Bel Fuse Inc.

  LPM409 Datasheet HTML 1Page - Bel Fuse Inc. LPM409 Datasheet HTML 2Page - Bel Fuse Inc. LPM409 Datasheet HTML 3Page - Bel Fuse Inc. LPM409 Datasheet HTML 4Page - Bel Fuse Inc. LPM409 Datasheet HTML 5Page - Bel Fuse Inc. LPM409 Datasheet HTML 6Page - Bel Fuse Inc. LPM409 Datasheet HTML 7Page - Bel Fuse Inc. LPM409 Datasheet HTML 8Page - Bel Fuse Inc. LPM409 Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LPM/LMM409
© 2015 Bel Power Solutions, Inc.
866.513.2839
tech.support@psbel.com
BCD.00365_AB3
MODULE
P/N 3
NO. OF SLOTS
REQUIRED
FACTORY-SET
SINGLE-
OUTPUT (VDC)
MODULE
ADJUSTABLE
RANGE (VDC)
MAX. OUTPUT
CURRENT
(AMPS)
MAX. OUTPUT
POWER 2
(WATTS)
E
LPM126-OUTA1-05
1
5
2.0 to 5.3
53
265
F
LPM126-OUTA1-12
1
12
5.2 to 15
22
265
G
LPM126-OUTA1-24
1
24
14 to 30
11
265
H
LPM126-OUTA1-36
1
36
29 to 44
7.4
265
J
LPM126-OUTA1-48
1
48
43 to 54
5,5
265
K
LPM109-OUTA1-10
1
15
1.5 to 15
6
90
L
LPM109-OUTA1-20
1
30
3 to 32
3
90
M
LPM118-OUTA2-10
1
15
2x 1.5 to 15
2x 6
2x 90
N
LPM118-OUTA2-20
1
30
2x 3 to 32
2x 3
2x 90
0
LPM100-BLAN
1
Blank Panel (Slot Cover)
1
To determine your desired power supply's part number, please refer to
Figure 2 for a detailed part number description.
Use the LPM Configurator located in the Modular Section on our website, or use our contacts page to locate a
distributor for further assistance.
2
For the power derating specification please see section 1.4 below.
3
Add –C for Conformal coating option.
1.1. Output Voltage Adjustment
Each LPM409 module’s output voltage is adjustable by means of a trimmer located on the module. For the modules
E<->J the trimmer is accessible through the adjustment hole located on the bottom of the power supply
(Figure 10).
For the modules K<->N the trimmer is accessible from rear side of the power supply
(Figure 5).
1.2. Parallel Connections
Depending on certain situations where current requirements exceed one module’s capability, the configurator will
process a solution using parallel connections. Paralleling busbars are available to make connections requiring higher
current needs. For correct current sharing functionality it is necessary to interconnect Current Share pins of the
modules that will operate in parallel using signal wires. Only E-J modules can be connected in parallel. For more
details read section 10.3, see
Figure 15.
1.3. Serial Connections
To increase output voltage it is possible to connect modules in series. Serial busbars are available (see section 10.4)
to make connections requiring higher voltage needs. The output of LPM409 is rated as SELV circuit, so the output
voltages are guaranteed to be less than 60V. The series combination of modules can exceed this SELV voltage, so in
this case the users must take adequate precautions to prevent direct contact with conductive parts. The maximal
total voltage must not exceed 200V. It is recommended to only connect the same modules with the same current
rating in series. The voltage sense pins VS+, VS- available on LPM126 modules must be connected according to
Figure17.
1.4. Power Derating
When specifying an LPM409 power supply in an application it is necessary to ensure that LPM409-CHAS and
modules (LPM126, LPM118 and LPM109) are operating within their power output capabilities, taking into account
the temperature derating and input voltage derating. The maximum permissible output power that may be drawn
from LPM409-CHAS and modules assembled in this chassis is given in
Figure1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com