Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS71202 Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS71202
Description  SYNCHRONOUS SEPIC / FLYBACK CONVERTER WITH 1.1A SWITCH AND INTEGRATED LDO
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS71202 Datasheet(HTML) 2 Page - Texas Instruments

  TPS71202 Datasheet HTML 1Page - Texas Instruments TPS71202 Datasheet HTML 2Page - Texas Instruments TPS71202 Datasheet HTML 3Page - Texas Instruments TPS71202 Datasheet HTML 4Page - Texas Instruments TPS71202 Datasheet HTML 5Page - Texas Instruments TPS71202 Datasheet HTML 6Page - Texas Instruments TPS71202 Datasheet HTML 7Page - Texas Instruments TPS71202 Datasheet HTML 8Page - Texas Instruments TPS71202 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
www.ti.com
TPS61130
TPS61131
TPS61132
SLVS431A – JUNE 2002 – REVISED AUGUST 2003
AVAILABLE OUTPUT VOLTAGE OPTIONS (1)
OUTPUT VOLTAGE
OUTPUT VOLTAGE
TA
PACKAGE
PART NUMBER (2)
DC/DC
LDO
Adjustable
Adjustable
16-Pin TSSOP
TPS61130PW
3.3 V
3.3 V
16-Pin TSSOP
TPS61131PW
40
°C to 85°C
3.3 V
1.5 V
16-Pin TSSOP
TPS61132PW
Adjustable
Adjustable
16-Pin QFN 4x4mm
TPS61130RSA
3.3 V
1.5 V
16-Pin QFN 4x4mm
TPS61132RSA
(1)
Contact the factory to check availability of other fixed output voltage versions.
(2)
The packages are available taped and reeled. Add R suffix to device type (e.g., TPS61130PWR or TPS61130RSAR) to order
quantities of 2000 devices per reel for the TSSOP (PW) package and 3000 devices per reel for the QFN (RSA) package.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted) (1)
TPS61130
TPS61131
TPS61132
Input voltage range on FB
-0.3 V to 3.6 V
Input voltage range on SWN
-0.3 V to 12 V
Input voltage range on SWP
-7.0 V to 7.0 V
Maximum voltage between SWP and VOUT
-12 V
Input voltage range on SWN, VOUT, LDOIN, LDOOUT, LDOEN, LDOSENSE, PGOOD, LBO, VBAT, LBI,
-0.3 V to 7 V
SKIPEN, EN
Operating free air temperature range TA
-40
°C to 85°C
Maximum junction temperature TJ
150
°C
Storage temperature range Tstg
-65
°C to 150°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
RECOMMENDED OPERATING CONDITIONS
MIN
NOM MAX UNIT
Supply voltage at VBAT, VI
1.8
6.5
V
DC/DC—inductance, L
10
22
µH
DC/DC—input capacitance, Ci
10
µF
DC/DC—output capacitance, Co
22
100
µF
LDO—input capacitance, Ci
1
µF
LDO—output capacitance, Co
1
2.2
µF
Operating virtual junction temperature, TJ
-40
125
°C
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com