Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BYW80-200 Datasheet(PDF) 7 Page - STMicroelectronics

Part # BYW80-200
Description  HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BYW80-200 Datasheet(HTML) 7 Page - STMicroelectronics

  BYW80-200 Datasheet HTML 1Page - STMicroelectronics BYW80-200 Datasheet HTML 2Page - STMicroelectronics BYW80-200 Datasheet HTML 3Page - STMicroelectronics BYW80-200 Datasheet HTML 4Page - STMicroelectronics BYW80-200 Datasheet HTML 5Page - STMicroelectronics BYW80-200 Datasheet HTML 6Page - STMicroelectronics BYW80-200 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7/7
BYW80F/FP-200
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of
use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by
implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to
change without notice. This publication supersedes and replaces all information previously supplied.
STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written ap-
proval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics
© 2002 STMicroelectronics - Printed in Italy - All rights reserved.
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - Canada - China - Finland - France - Germany
Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco - Singapore
Spain - Sweden - Switzerland - United Kingdom - United States.
http://www.st.com
Type
Marking
Package
Weight
Base Qty
Delivery mode
BYW80-200
BYW80-200
TO-220AC
2.3 g
50
Tube
BYW80F-200
BYW80F-200
ISOWATT220AC
2 g
50
Tube
BYW80FP-200
BYW80FP-200
TO-220FPAC
1.8 g
50
Tube
s
Cooling method: by conduction (C)
s
Recommended torque value (ISOWATT220AC, TO-220FPAC): 0.55 nm
s
Maximum torque value (ISOWATT220AC, TO-220FPAC): 0.7 Nm
s
Recommended torque value (TO-220AC): 0.8 Nm
s
Maximum torque value (TO-220AC): 1.0 Nm
s
Epoxy meets UL94, V0



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com