Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE83IR1021 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE83IR1021
Description  TECHNICAL DATA SHEET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE83IR1021 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE83IR1021 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE83IR1021 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE83IR1021 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE83IR1021 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE83IR1021 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
TECHNICAL DATA SHEET
Size
Length
1 in [25.4 mm]
Width
0.38 in [9.65 mm]
Height
0.74 in [18.8 mm]
.
Weight
0.049 lbs [22.23 g]
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
REACH Compliant
12/17/2015
Plotted and Other Data
Notes:
• Values at 25 °C, sea level
PE83IR1021
PE83IR1021 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: Dual Junction Isolator With 40 dB Isolation From 7 GHz to 12.4 GHz, 5 Watts And SMA
Female PE83IR1021
Dual Junction Isolator With 40 dB Isolation From
7 GHz to 12.4 GHz, 5 Watts And SMA Female



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com