Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE83IR1023 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE83IR1023
Description  TECHNICAL DATA SHEET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE83IR1023 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE83IR1023 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE83IR1023 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE83IR1023 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE83IR1023 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE83IR1023 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
TECHNICAL DATA SHEET
Typical Performance Data
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
8
9
10
11
12
13
14
15
16
17
18
8 GHz
VSWR
VSWR
-1.0
-0.9
-0.8
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
8
9
10
11
12
13
14
15
16
17
18
0 dB
8 GHz
Insertion Loss
PE83IR1023
PE83IR1023 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Dual Junction Isolator With 32 dB Isolation From 8 GHz to 18 GHz, 5 Watts And SMA Female
PE83IR1023
Dual Junction Isolator With 32 dB Isolation From
8 GHz to 18 GHz, 5 Watts And SMA Female



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com