Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE83IR1024 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE83IR1024
Description  Isolators Technical Data Sheet
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE83IR1024 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE83IR1024 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE83IR1024 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE83IR1024 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE83IR1024 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE83IR1024 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Configuration
Design
Dual Junction
Package Style
Connectorized
Connector 1
SMA Female
Connector 2
SMA Female
Environmental Specifications
Temperature
Operating Range
+0 to +70 deg C
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
Typical Performance Data
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
11.0
11.5
12.0
12.5
13.0
13.5
14.0
14.5
15.0
15.5
16.0
16.5
17.0
17.5
18.0
11 GHz
VSWR
PE83IR1024 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Dual Junction Isolator With 40 dB Isolation From 11 GHz to 18 GHz, 5 Watts And SMA Female
PE83IR1024
Isolators Technical Data Sheet
PE83IR1024
Dual Junction Isolator With 40 dB Isolation From
11 GHz to 18 GHz, 5 Watts And SMA Female



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com