Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE87FL1017 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE87FL1017
Description  TECHNICAL DATA SHEET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE87FL1017 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE87FL1017 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE87FL1017 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE87FL1017 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE87FL1017 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
TECHNICAL DATA SHEET
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
•
Values at +25 °C, sea level
Typical Performance Data
-60
-50
-40
-30
-20
-10
0
0
1
2
3
4
5
6
7
8
9
10
11
12
13
0 dB
0 GHz
Passband
s11
s21
-5
-4
-3
-2
-1
0
0
1
2
3
4
5
6
7
8
9
10
11
12
0 dB
0 GHz
Insertion Loss
PE87FL1017
PE87FL1017 REV 1.2
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: 11 Section Lowpass Filter With SMA Female Connectors Operating From DC to 11 GHz
PE87FL1017
11 Section Lowpass Filter With SMA Female
Connectors Operating From DC to 11 GHz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com