Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE88X2003 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE88X2003
Description  Frequency Multipliers Technical Data Sheet
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE88X2003 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE88X2003 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE88X2003 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE88X2003 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE88X2003 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE88X2003 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE88X2003 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Mechanical Specifications
Size
Length
1.086 in [27.58 mm]
Width
0.85 in [21.59 mm]
Height
0.28 in [7.11 mm]
Weight
0.09 lbs [40.82 g]
Input Connector
Field Replaceable SMA Female
Output Connector
Field Replaceable SMA Female
Environmental Specifications
Temperature
Operating Range
-55 to +85 deg C
Storage Range
-65 to +150 deg C
Temperature Cycling
MIL-STD-883, Method 101C, Cond B
Hermetic Seal
Gross Leak MIL-STD-883 Method 1014C1/Fine Leak
MIL-STD-883, Method 1014A2, 5 x 10-8 atm cc
ESD Sensitivity
ESD Sensitive Material, Transport material in Approved
ESD bags. Handle only in ESD Workstation.
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
PE88X2003 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 2x Frequency Multiplier Module, 8 GHz to 21 GHz Output Frequency, +10 dBm Output Power,
Field Replaceable SMA PE88X2003
Frequency Multipliers Technical Data Sheet
PE88X2003
2x Frequency Multiplier Module, 8 GHz to 21 GHz Output
Frequency, +10 dBm Output Power, Field Replaceable SMA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com