Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE4945 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4945
Description  TECHNICAL DATA SHEET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4945 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4945 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4945 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
N Female Precision Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
Configuration
Connector
N Female
Connector Interface Type
PE-047SR,PE-SR047AL,PE-SR047FL
Cable Attachment Method (Shield/Contact)
Solder/Solder
Connector Design
Precision
Body Style
Straight
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
1.335 [33.91]
Width/Dia., in [mm]
0.695 [17.65]
.
Weight, lbs [g]
0.089 [40.37]
Connector
Type
N Female
Contact Material and Plating
Gold
Outer Conductor Material and Plating
Brass, Gold
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
N Female Precision Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL from Pasternack Enterprises
has same day shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99%
availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: N Female Precision Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
PE4945
URL:
http://www.pasternack.com/n-female-standard-pe-047sr-pe-sr047al-pe-sr047fl-connector-pe4945-p.aspx
PE4945
PE4945 REV 01
N Female Precision Connector Solder Attachment
For PE-047SR, PE-SR047AL, PE-SR047FL


Similar Part No. - PE4945

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4940 PASTERNACK-PE4940 Datasheet
86Kb / 1P
N FEMALE BULKHEAD CRIMP ATTACHMENT FOR RG8 & RG213
PE4941 PASTERNACK-PE4941 Datasheet
266Kb / 2P
N Female Bulkhead Connector Crimp/Solder Attachment For RG214, RG9, RG225, RG393, .640 inch DD Hole
PE4942 PASTERNACK-PE4942 Datasheet
104Kb / 1P
N FEMALE BULKHEAD SOLDER/CLAMP ATTACHMENT FOR RG401 PE-SR401AL & PE-SR401FL
PE4943 PASTERNACK-PE4943 Datasheet
116Kb / 1P
N FEMALE BULKHEAD CLAMP ATTACHMENT FOR BELDEN 9913 & 9914 PE-B405 PE-B400 PE-C400 LMR400
PE4944 PASTERNACK-PE4944 Datasheet
103Kb / 1P
N FEMALE BULKHEAD CRIMP ATTACHMENT FOR BELDEN 9913 @ 9914 PE-B405 PE-B400 PE-C400 &LMR400
More results

Similar Description - PE4945

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A3270 PASTERNACK-PE15A3270 Datasheet
465Kb / 9P
TECHNICAL DATA SHEET
PE15A3295 PASTERNACK-PE15A3295 Datasheet
447Kb / 6P
TECHNICAL DATA SHEET
PE15A3502 PASTERNACK-PE15A3502_17 Datasheet
566Kb / 6P
TECHNICAL DATA SHEET
PE15A3595 PASTERNACK-PE15A3595_17 Datasheet
450Kb / 6P
TECHNICAL DATA SHEET
PE15A3900 PASTERNACK-PE15A3900_17 Datasheet
421Kb / 6P
TECHNICAL DATA SHEET
PE15A4029 PASTERNACK-PE15A4029 Datasheet
490Kb / 7P
TECHNICAL DATA SHEET
PE15A4038 PASTERNACK-PE15A4038 Datasheet
437Kb / 6P
TECHNICAL DATA SHEET
PE15A4040 PASTERNACK-PE15A4040 Datasheet
442Kb / 6P
TECHNICAL DATA SHEET
PE15A8007 PASTERNACK-PE15A8007 Datasheet
435Kb / 5P
TECHNICAL DATA SHEET
PE15A9002 PASTERNACK-PE15A9002 Datasheet
484Kb / 7P
TECHNICAL DATA SHEET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com