Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74ALVC2G157 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # HD74ALVC2G157
Description  2-channel Multiplexer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74ALVC2G157 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button HD74ALVC2G157 Datasheet HTML 3Page - Renesas Technology Corp HD74ALVC2G157 Datasheet HTML 4Page - Renesas Technology Corp HD74ALVC2G157 Datasheet HTML 5Page - Renesas Technology Corp HD74ALVC2G157 Datasheet HTML 6Page - Renesas Technology Corp HD74ALVC2G157 Datasheet HTML 7Page - Renesas Technology Corp HD74ALVC2G157 Datasheet HTML 8Page - Renesas Technology Corp HD74ALVC2G157 Datasheet HTML 9Page - Renesas Technology Corp HD74ALVC2G157 Datasheet HTML 10Page - Renesas Technology Corp HD74ALVC2G157 Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
HD74ALVC2G157
Rev.4.00, Dec.18.2003, page 7 of 10
Switching Characteristics
(Ta =
−40 to 85°C)
VCC = 1.2 V
Item
Symbol
Min
Typ
Max
Unit
Test
conditions
FROM
(Input)
TO
(Output)
Propagation
tPLH
9.5
ns
CL = 15 pF
A or B
Y or
Y
delay time
tPHL
10.0
SEL
Y or
Y
8.0
STB
Y or
Y
VCC = 1.5
±0.1 V
Item
Symbol
Min
Typ
Max
Unit
Test
conditions
FROM
(Input)
TO
(Output)
Propagation
tPLH
2.0
11.0
ns
CL = 15 pF
A or B
Y or
Y
delay time
tPHL
2.0
11.0
SEL
Y or
Y
2.0
11.0
STB
Y or
Y
VCC = 1.8
±0.15 V
Item
Symbol
Min
Typ
Max
Unit
Test
conditions
FROM
(Input)
TO
(Output)
Propagation
tPLH
1.5
9.0
ns
CL = 30 pF
A or B
Y or
Y
delay time
tPHL
1.5
9.0
SEL
Y or
Y
1.5
9.0
STB
Y or
Y
VCC = 2.5
±0.2 V
Item
Symbol
Min
Typ
Max
Unit
Test
conditions
FROM
(Input)
TO
(Output)
Propagation
tPLH
1.0
4.5
ns
CL = 30 pF
A or B
Y or
Y
delay time
tPHL
1.0
4.5
SEL
Y or
Y
1.0
4.5
STB
Y or
Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com