Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT82V732 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT82V732
Description  60mA Audio Power Amp
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82V732 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT82V732 Datasheet HTML 1Page - Holtek Semiconductor Inc HT82V732 Datasheet HTML 2Page - Holtek Semiconductor Inc HT82V732 Datasheet HTML 3Page - Holtek Semiconductor Inc HT82V732 Datasheet HTML 4Page - Holtek Semiconductor Inc HT82V732 Datasheet HTML 5Page - Holtek Semiconductor Inc HT82V732 Datasheet HTML 6Page - Holtek Semiconductor Inc HT82V732 Datasheet HTML 7Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Application Circuits
HT82V732
Rev. 1.00
3
October 29, 2002
2
3
H T 8 2 V 7 3 2
5
6
3 . 9 k W
8
V D D
V I N 1
7
1 0 0 m .
+
3 . 9 k W
1 0 0 m .
1 0 0 m .
V r e f
4
R L
V O U T A
V O U T B
3 . 9 k W
3 . 9 k W
( T y p . 2 . 5 V )
V I N 2
R L
1
2
3
H T 8 2 V 7 3 2
5
6
3 . 9 k W
8
V D D
7
+
1 0 0 m .
+
3 . 9 k W
1 n .
1 0 k W
1 0 k W
1 0 0 m .
1 0 0 m .
1 m .
V r e f
1 n .
4
3 3 k W
4
2 2 k W
+
1 0 0 n .
+
1 0 m .
1
2
3
5
8
7
6
C u r r e n t - t y p e
D A C
B C K
W S
D A T A
1



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com