Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMIF10-LCD01C1 Datasheet(PDF) 4 Page - STMicroelectronics

Part # EMIF10-LCD01C1
Description  10 LINES EMI FILTER AND ESD PROTECTION
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF10-LCD01C1 Datasheet(HTML) 4 Page - STMicroelectronics

  EMIF10-LCD01C1 Datasheet HTML 1Page - STMicroelectronics EMIF10-LCD01C1 Datasheet HTML 2Page - STMicroelectronics EMIF10-LCD01C1 Datasheet HTML 3Page - STMicroelectronics EMIF10-LCD01C1 Datasheet HTML 4Page - STMicroelectronics EMIF10-LCD01C1 Datasheet HTML 5Page - STMicroelectronics EMIF10-LCD01C1 Datasheet HTML 6Page - STMicroelectronics EMIF10-LCD01C1 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
EMIF10-LCD01C1
4/7
Figure 12: Order Code
Figure 10: Aplac model
Figure 11: Aplac parameters
EMIF10-LCD01C1 model
Ground return
ZRZ structure
aplacvar Remif10low 100
aplacvar Cemif10flow 17.5pF
Bumps
aplacvar Lbump 50pH
aplacvar Rbump 20m
aplacvar Cbump 1.5pF
Bulk
aplacvar Rsub 100m
Gnd connections
aplacvar Rgnd 100m
aplacvar Lgnd 200pH
aplacvar Cgnd 0.15pF
BV = 7
CJO = Cemif10low
IBV = 1u
IKF = 1000
IS = 10f
ISR = 100p
N = 1
M = 0.3333
RS = 0.015
VJ = 0.6
TT = 50n
EMIF
yy
-
xxx zz
Fx
EMI Filter
Number of lines
Information
Package
x = resistance value (Ohms)
z = capacitance value / 10(pF)
or
3 letters = application
2 digits = version
F = Flip-Chip
x
= 1: 500µm, Bump = 315µm
= 2: Leadfree Pitch = 500µm, Bump = 315µm
= 3: Leadfree Pitch = 400µm, Bump = 250µm



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com