Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2CL500 Datasheet(PDF) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

Part # 2CL500
Description  Ultra-Fast Recovery High Voltage Silicon Rectifier Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GETEDZ [GETAI ELECTRONICS DEVICE CO., LTD]
Direct Link  http://www.hvgtsemi.com
Logo GETEDZ - GETAI ELECTRONICS DEVICE CO., LTD

2CL500 Datasheet(HTML) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

  2CL500 Datasheet HTML 1Page - GETAI ELECTRONICS DEVICE CO., LTD 2CL500 Datasheet HTML 2Page - GETAI ELECTRONICS DEVICE CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2CL500/8
500mA 8.0kV 50nS
Ultra-Fast Recovery High Voltage Silicon Rectifier Diodes
----------------------------------------------------------------------------------------------------------------------------- -------
GETE ELECTRONIC CO.,LTD
Http://www.getedz.com
Http://www.hvgtsemi.com E-mai: sales@getedz.com
GETAI ELECTRONIC DEVICE CO.,LTD TEL:0086-20-8184 9628
FAX:0086-20-8184 9638
2017-10 1 / 2
INTRODUCE:
HVGT high voltage silicon rectifier diodes is made
of high quality glass passivated chip and high
reliability epoxy resin sealing structure, and
through professional testing equipment inspection
qualified after to customers.
FEATURES:
1. High reliability design.
2. High voltage design.
3. High frequency, Fast recovery.
4. Conform to RoHS and SGS.
5. Epoxy resin molded in vacuumHave
anticorrosion in the surface.
APPLICATIONS:
1. High voltage multiplier circuit
2. Electrostatic generator circuit .
3. General purpose high voltage rectifier.
4. Laser power supply medical equipment.
MECHANICAL DATA:
1. Case: epoxy resin molding.
2. Terminal: welding axis.
3. Net weight: 2.55 grams (approx).
SHAPE DISPLAY:
SIZE: (Unit:mm)
HVGT NAME: DO-722
MAXIMUM RATINGS AND CHARACTERISTICS: (Absolute Maximum Ratings)
Items
Symbols
Condition
Data Value
Units
Repetitive Peak Renerse Voltage
VRRM
TA=25°C
8.0
kV
Non-Repetitive Peak Renerse Voltage
VRSM
TA=25°C
--
kV
Average Forward Current Maximum
IFAVM
TA=55°C
500
mA
TOIL=55°C
--
mA
Non-Repetitive Forward Surge Current
IFSM
TA=25°C; 60Hz Half-Sine Wave; 8.3mS
20
A
Junction Temperature
TJ
150
°C
Allowable Operation Case Temperature
Tc
-40~+150
°C
Storage Temperature
TSTG
-40~+150
°C
ELECTRICAL CHARACTERISTICS: TA=25°C (Unless Otherwise Specified)
Items
Symbols
Condition
Data value
Units
Maximum Forward Voltage Drop
VFM
at 25°C; at IFAVM
15
V
Maximum Reverse Current
IR1
at 25°C; at VRRM
0.5
uA
IR2
at 125°C; at VRRM
50
uA
Maximum Reverse Recovery Time
TRR
at 25°C; IF=0.5IR; IR=IFAVM; IRR=0.25IR
50
nS
Junction Capacitance
CJ
at 25°C; VR=0V; f=1MHz
7.5
pF


Similar Part No. - 2CL500

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
2CL500 GETEDZ-2CL500 Datasheet
513Kb / 2P
500mA 8.0kV 50nS-High Voltage Power Diodes Ultra-Fast Recovery
logo
Kwang Myoung I.S. CO.,L...
2CL500-30 KISEMICONDUCTOR-2CL500-30 Datasheet
133Kb / 2P
High Voltage Diodes for Special Using
logo
GETAI ELECTRONICS DEVIC...
2CL500-8 GETEDZ-2CL500-8_17 Datasheet
539Kb / 2P
500mA 8.0kV 50nS-High Voltage Power Diodes Ultra-Fast Recovery
More results

Similar Description - 2CL500

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
3RUS2 EDI-3RUS2 Datasheet
86Kb / 2P
HIGH VOLTAGE, HIGH CURRENT ULTRA-FAST RECOVERY SILICON RECTIFIER DIODES
RUSH EDI-RUSH Datasheet
42Kb / 2P
50ns ULTRA-FAST RECOVERY HIGH -VOLTAGE RECTIFIER DIODES
RUST EDI-RUST Datasheet
41Kb / 2P
50ns ULTRA-FAST RECOVERY HIGH VOLTAGE RECTIFIER DIODES
logo
SUNMATE electronic Co.,...
UFM11PL SUNMATE-UFM11PL Datasheet
340Kb / 2P
ULTRA FAST RECOVERY SILICON RECTIFIER DIODES
logo
American Microsemicondu...
AMS-FOB AMMSEMI-AMS-FOB Datasheet
334Kb / 2P
Ultra-Fast Recovery High Voltage Silicon Rectifier Diodes
logo
SiPower Inc.
2CL02 SIPOWER-2CL02 Datasheet
66Kb / 2P
Ultra-Fast Recovery High Voltage Diodes
logo
GETAI ELECTRONICS DEVIC...
GH05U08J GETEDZ-GH05U08J Datasheet
506Kb / 2P
Ultra-Fast Recovery High Voltage Silicon Rectifier Diodes
GH05U10J GETEDZ-GH05U10J Datasheet
506Kb / 2P
Ultra-Fast Recovery High Voltage Silicon Rectifier Diodes
GH05U12J GETEDZ-GH05U12J Datasheet
505Kb / 2P
Ultra-Fast Recovery High Voltage Silicon Rectifier Diodes
GH05U15J GETEDZ-GH05U15J Datasheet
505Kb / 2P
Ultra-Fast Recovery High Voltage Silicon Rectifier Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com