Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS87608AYIT Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # ICS87608AYIT
Description  LOW VOLTAGE/LOW SKEW, 1:8 PCI/PCI-X ZERO DELAY CLOCK GENERATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ICS87608AYIT Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button ICS87608AYIT Datasheet HTML 3Page - List of Unclassifed Manufacturers ICS87608AYIT Datasheet HTML 4Page - List of Unclassifed Manufacturers ICS87608AYIT Datasheet HTML 5Page - List of Unclassifed Manufacturers ICS87608AYIT Datasheet HTML 6Page - List of Unclassifed Manufacturers ICS87608AYIT Datasheet HTML 7Page - List of Unclassifed Manufacturers ICS87608AYIT Datasheet HTML 8Page - List of Unclassifed Manufacturers ICS87608AYIT Datasheet HTML 9Page - List of Unclassifed Manufacturers ICS87608AYIT Datasheet HTML 10Page - List of Unclassifed Manufacturers ICS87608AYIT Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
87608AYI
www.icst.com/products/hiperclocks.html
REV. B MARCH 11, 2005
7
Integrated
Circuit
Systems, Inc.
ICS87608I
LOW VOLTAGE/LOW SKEW, 1:8 PCI/PCI-X
ZERO DELAY CLOCK GENERATOR
3.3V OUTPUT LOAD AC TEST CIRCUIT
(Where X denotes outputs in the same Bank)
3.3V/2.5V OUTPUT LOAD AC TEST CIRCUIT
BANK SKEW
OUTPUT SKEW
OUTPUT PULSE WIDTH/PULSE WIDTH PERIOD
CYCLE-TO-CYCLE JITTER
tjit(cc) = tcycle n –tcycle n+1
1000 Cycles
STATIC PHASE OFFSET
OUTPUT RISE/FALL TIME
PARAMETER MEASUREMENT INFORMATION
SCOPE
Qx
LVCMOS
2.05V±5%
V
DDOX
-1.25V±5%
V
DD,
V
DDA
1.25V±5%
SCOPE
Qx
LVCMOS
1.65V±5%
-1.65V±5%
tsk(o)
V
DDOX
2
V
DDOX
2
Qy
Qx
QAx,
QBx
➤
➤
V
DDOX
2
V
DDOX
2
V
DDOX
2
tcycle n
tcycle n+1
tsk(b)
V
DDOX
2
V
DDOX
2
➤t(Ø)
V
DD
2
V
DD
2
REF_IN
FB_IN
Qy
Qx
t
PW
t
PERIOD
V
DDOX
2
V
DDOX
2
V
DDOX
2
t
PW
t
PERIOD
odc =
Clock
Outputs
20%
80%
80%
20%
tR
t F
QAx, QBx,
FB_OUT,
REF_OUT
V
DD,
V
DDA,VDDOX
GND
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com