Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X5001 Datasheet(PDF) 4 Page - Xicor Inc.

Part # X5001
Description  CPU Supervisor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X5001 Datasheet(HTML) 4 Page - Xicor Inc.

  X5001 Datasheet HTML 1Page - Xicor Inc. X5001 Datasheet HTML 2Page - Xicor Inc. X5001 Datasheet HTML 3Page - Xicor Inc. X5001 Datasheet HTML 4Page - Xicor Inc. X5001 Datasheet HTML 5Page - Xicor Inc. X5001 Datasheet HTML 6Page - Xicor Inc. X5001 Datasheet HTML 7Page - Xicor Inc. X5001 Datasheet HTML 8Page - Xicor Inc. X5001 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
X5001
4
Figure 2. Sample VTRIP Reset Circuit
Figure 3. Set VTRIP Level Sequence (Vcc=desired VTRIP value. )
Figure 4. Reset VTRIP Level Sequence (Vcc > 3V. )
1
2
3
4
8
7
6
5
X5001
VTRIP
Adj.
VP
RESET
4.7K
SI
SO
CS
SCK
uC
Adjust
Run
012 3 45 67 89 10
SCK
SI
CS
20 21 22 23
16 BITS
0001h
03h
012 3 45 67 89 10
20 21 22 23
16 BITS
0001h
02h
VPE
VPE = 15-18V
012 3 45 67 89 10
SCK
SI
CS
20 21 22 23
16 BITS
0001h
03h
012 3 45 67 89 10
20 21 22 23
16 BITS
0003h
02h
VPE
VPE = 15-18V
16 BITS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com