Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AR0134CSSM00SUEAH Datasheet(PDF) 28 Page - ON Semiconductor

Part # AR0134CSSM00SUEAH
Description  1/3?릋nch 1.2 Mp CMOS Digital Image Sensor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0134CSSM00SUEAH Datasheet(HTML) 28 Page - ON Semiconductor

Back Button AR0134CSSM00SUEAH Datasheet HTML 21Page - ON Semiconductor AR0134CSSM00SUEAH Datasheet HTML 22Page - ON Semiconductor AR0134CSSM00SUEAH Datasheet HTML 23Page - ON Semiconductor AR0134CSSM00SUEAH Datasheet HTML 24Page - ON Semiconductor AR0134CSSM00SUEAH Datasheet HTML 25Page - ON Semiconductor AR0134CSSM00SUEAH Datasheet HTML 26Page - ON Semiconductor AR0134CSSM00SUEAH Datasheet HTML 27Page - ON Semiconductor AR0134CSSM00SUEAH Datasheet HTML 28Page - ON Semiconductor AR0134CSSM00SUEAH Datasheet HTML 29Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 28 / 29 page
background image
AR0134CS
www.onsemi.com
28
PACKAGE DIMENSIONS
ILCC48 10x10
CASE 847AE
ISSUE O
Notes:
1. Dimensions in mm.
Dimensions in () are for reference only.
2. Encapsulant: Epoxy.
3. Substrate material: Plastic laminate 0.25 thickness.
4. Lid material: Borosilicate glass 0.4
±0.04 thickness.
5. Refractive index at 20C = 1.5255 @ 546 nm and
1.5231 @ 588 nm.
6. Double side AR Coating: 530−570 nm R< 1%;
420−700 nm R < 2%.
7. Lead finish: Gold plating, 0.5
mm min. thickness.
8. Image sensor die: 0.2 mm thickness.
9. Maximum rotation of optical area relative to package
edges: 0.75
°.
10. Maximum tilt of optical area relative to substrate
plane D: 25
mm.
11. Maximum tilt of cover glass relative to optical area
plane E: 50
mm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com