Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AR0331 Datasheet(PDF) 3 Page - ON Semiconductor

Part # AR0331
Description  AR0331 1/3?륤nch 3.1 Mp/Full HD Digital Image Sensor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0331 Datasheet(HTML) 3 Page - ON Semiconductor

  AR0331 Datasheet HTML 1Page - ON Semiconductor AR0331 Datasheet HTML 2Page - ON Semiconductor AR0331 Datasheet HTML 3Page - ON Semiconductor AR0331 Datasheet HTML 4Page - ON Semiconductor AR0331 Datasheet HTML 5Page - ON Semiconductor AR0331 Datasheet HTML 6Page - ON Semiconductor AR0331 Datasheet HTML 7Page - ON Semiconductor AR0331 Datasheet HTML 8Page - ON Semiconductor AR0331 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 52 page
background image
AR0331
www.onsemi.com
3
FUNCTIONAL OVERVIEW
The AR0331 is a progressive-scan sensor that generates
a stream of pixel data at a constant frame rate. It uses an
on-chip, phase-locked loop (PLL) that can be optionally
enabled to generate all internal clocks from a single master
input clock running between 6 and 48 MHz. The maximum
output pixel rate is 148.5 Mp/s, corresponding to a clock rate
of 74.25 MHz. Figure 1 shows a block diagram of the sensor.
Figure 1. Block Diagram
Row noise correction
Black level correction
Adaptive CD filter
Motion correction and
Blue Halo filter
HDR linearization
(ME or DLO)
Pixel defect correction
Smooting filter
Digital gain and
pedestal
Companding
16, 14, or 12 bits
Parallel
HiSPi
12 bits
( HDR and Linear),
12 or 10 bits Linear
Test pattern generator
ADC data
User interaction with the sensor is through the two-wire
serial bus, which communicates with the array control,
analog signal chain, and digital signal chain. The core of the
sensor is a 3.1 Mp Active-pixel Sensor array. The timing and
control circuitry sequences through the rows of the array,
resetting and then reading each row in turn. In the time
interval between resetting a row and reading that row, the
pixels in the row integrate incident light. The exposure is
controlled by varying the time interval between reset and
readout. Once a row has been read, the data from the
columns is sequenced through an analog signal chain
(providing offset correction and gain), and then through an
analog-to-digital converter (ADC). The output from the
ADC is a 12-bit value for each pixel in the array. The ADC
output passes through a digital processing signal chain
(which provides further data path corrections and applies
digital gain). The sensor also offers a high dynamic range
mode of operation where multiple images are combined
on-chip to produce a single image at 16-bit per pixel value.
A compression mode is further offered to allow the 16-bit
pixel value to be transmitted to the host system as a 12-bit
value with close to zero loss in image quality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com