Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AR0134CSSM00SPCA0 Datasheet(PDF) 3 Page - ON Semiconductor

Part # AR0134CSSM00SPCA0
Description  1/3?릋nch 1.2 Mp CMOS Digital Image Sensor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0134CSSM00SPCA0 Datasheet(HTML) 3 Page - ON Semiconductor

  AR0134CSSM00SPCA0 Datasheet HTML 1Page - ON Semiconductor AR0134CSSM00SPCA0 Datasheet HTML 2Page - ON Semiconductor AR0134CSSM00SPCA0 Datasheet HTML 3Page - ON Semiconductor AR0134CSSM00SPCA0 Datasheet HTML 4Page - ON Semiconductor AR0134CSSM00SPCA0 Datasheet HTML 5Page - ON Semiconductor AR0134CSSM00SPCA0 Datasheet HTML 6Page - ON Semiconductor AR0134CSSM00SPCA0 Datasheet HTML 7Page - ON Semiconductor AR0134CSSM00SPCA0 Datasheet HTML 8Page - ON Semiconductor AR0134CSSM00SPCA0 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
AR0134CS
www.onsemi.com
3
User interaction with the sensor is through the two-wire
serial bus, which communicates with the array control,
analog signal chain, and digital signal chain. The core of the
sensor is a 1.2 Mp Active-Pixel Sensor array. The
AR0134CS features global shutter technology for accurate
capture of moving images. The exposure of the entire array
is controlled by programming the integration time by
register setting. All rows simultaneously integrate light prior
to readout. Once a row has been read, the data from the
columns is sequenced through an analog signal chain
(providing offset correction and gain), and then through an
analog-to-digital converter (ADC). The output from the
ADC is a 12-bit value for each pixel in the array. The ADC
output passes through a digital processing signal chain
(which provides further data path corrections and applies
digital gain). The pixel data are output at a rate of up to
74.25 Mp/s, in parallel to frame and line synchronization
signals.
FEATURES OVERVIEW
The AR0134CS Global Sensor shutter has a wide array of
features to enhance functionality and to increase versatility.
A summary of features follows. Please refer to the
AR0134CS
Developer
Guide
for
detailed
feature
descriptions, register settings, and tuning guidelines and
recommendations.
• Operating Modes
The AR0134CS works in master (video), trigger (single
frame), or Auto Trigger modes. In master mode, the
sensor generates the integration and readout timing.
In trigger mode, it accepts an external trigger to start
exposure, then generates the exposure and readout
timing. The exposure time is programmed through the
two-wire serial interface for both modes. Trigger mode
is not compatible with the HiSPi interface.
• Window Control
Configurable window size and blanking times allow
a wide range of resolutions and frame rates. Digital
binning and skipping modes are supported, as are
vertical and horizontal mirror operations.
• Context Switching
Context switching may be used to rapidly switch
between two sets of register values. Refer to the
AR0134CS Developer Guide for a complete set of
context switchable registers.
• Gain
The AR0134CS Global Shutter sensor can be
configured for analog gain of up to 8x, and digital gain
of up to 8x.
• Automatic Exposure Control
The integrated automatic exposure control may be used
to ensure optimal settings of exposure and gain are
computed and updated every other frame. Refer to the
AR0134CS Developer Guide for more details.
• HiSPi
The AR0134CS Global Shutter image sensor supports
two or three lanes of Streaming-SP or Packetized-SP
protocols of ON Semiconductor’s High-Speed Serial
Pixel Interface.
• PLL
An on chip PLL provides reference clock flexibility and
supports spread spectrum sources for improved EMI
performance.
• Reset
The AR0134CS may be reset by a register write, or by
a dedicated input pin.
• Output Enable
The AR0134CS output pins may be tri-stated using
a dedicated output enable pin.
• Temperature Sensor
The temperature sensor is only guaranteed to be
functional when the AR0134CS is initially powered-up
or is reset at temperatures at or above 0
°C.
• Black Level Correction
• Row Noise Correction
• Column Correction
• Test Patterns
Several test patterns may be enabled for debug
purposes. These include a solid color, color bar, fade to
grey, and a walking 1s test pattern.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com