Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS0142AT Datasheet(PDF) 3 Page - ON Semiconductor

Part # AS0142AT
Description  CMOS Digital Image Sensor and Signal Processor Stack Chip
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AS0142AT Datasheet(HTML) 3 Page - ON Semiconductor

  AS0142AT Datasheet HTML 1Page - ON Semiconductor AS0142AT Datasheet HTML 2Page - ON Semiconductor AS0142AT Datasheet HTML 3Page - ON Semiconductor AS0142AT Datasheet HTML 4Page - ON Semiconductor AS0142AT Datasheet HTML 5Page - ON Semiconductor AS0142AT Datasheet HTML 6Page - ON Semiconductor AS0142AT Datasheet HTML 7Page - ON Semiconductor AS0142AT Datasheet HTML 8Page - ON Semiconductor AS0142AT Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 45 page
background image
AS0142AT
www.onsemi.com
3
GENERAL DESCRIPTION
The ON Semiconductor AS0142AT is a 1.0 MP CMOS
digital image sensor and signal processor for automotive
viewing
applications.
The
device
includes
full
auto−functions support (AWB and AE) and ALTM
(Adaptive Local Tone Mapping) to enhance HDR image/
video. The AS0142AT implements a high−sensitivity
3.0
mm pixel with DR−Pix technology and advanced noise
reduction, to enable excellent low−light performance. It can
be operated in either linear or high dynamic range modes.
The AS0142AT may be operated in video (master) mode or
in single frame trigger mode, providing flexibility for
multi−camera systems.
FUNCTIONAL OVERVIEW
Figure 1 shows the typical configuration of the
AS0142AT in a camera system. On the host side, a two−wire
serial or SPI interface is used to configure the operation of
the AS0142AT, and image data is transferred using the
parallel interface between the AS0142AT and the host.
Image data from 1200x800 Active Color Array is
communicated with
AS0142AT
embedded
image
co−processor via internal parallel or HiSPi interface.
Figure 1. AS0142AT Connectivity
Figure 2. Example AS0142AT Connectivity
SYSTEM INTERFACES
Figure 3: “Typical Parallel Configuration (Legacy Mode)
@ AS0142AT Internal Regulator” shows typical
AS0142AT device connections.
All power supply rails must be decoupled from ground
using capacitors as close as possible to the package.
The AS0142AT signals to the sensor and host interfaces
can be at different supply voltage levels to optimize power
consumption and maximize flexibility. Table 3 provides the
signal descriptions for the AS0142AT
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com