Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3585 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 2N3585
Description  NPN HIGH POWER SILICON TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N3585 Datasheet(HTML) 1 Page - Microsemi Corporation

  2N3585 Datasheet HTML 1Page - Microsemi Corporation 2N3585 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TECHNICAL DATA
NPN HIGH POWER SILICON TRANSISTOR
Qualified per MIL-PRF-19500/384
Devices
Qualified Level
2N3584
2N3585
JAN
JANTX
JANTXV
MAXIMUM RATINGS
Ratings
Symbol
2N3584
2N3585
Units
Collector-Emitter Voltage
VCEO
250
300
Vdc
Collector-Base Voltage
VCBO
375
500
Vdc
Collector-Base Voltage
VCER
300
400
Vdc
Emitter-Base Voltage
VEBO
6.0
Vdc
Base Current
IB
1.0
Adc
Collector Current
IC
2.0
Adc
Total Power Dissipation
@ TA = +25
0C (1)
@ TC = +25
0C (2)
PT
2.5
35
W
W
Operating & Storage Junction Temperature Range
TJ, Tstg
-65 to +200
0C
THERMAL CHARACTERISTICS
Characteristics
Symbol
Max.
Unit
Thermal Resistance, Junction-to-Case
RθJC
5.0
0C/W
1)
Derate linearly @ 14.85 mW/
0C for TA > +250C
2)
Derate linearly @ 200 mW/
0C for TC > +250C
TO-66* (TO-213AA)
*See Appendix A for
Package Outline
ELECTRICAL CHARACTERISTICS (TC = 25
0C unless otherwise noted)
Characteristics
Symbol
Min.
Max.
Unit
OFF CHARACTERISTICS
Collector-Emitter Breakdown Voltage
IC = 10 mAdc
2N3584
2N3585
V(BR)CEO
250
300
Vdc
Collector-Base Breakdown Voltage
IC = 15 mAdc
2N3584
2N3585
V(BR)CER
375
500
Vdc
Collector-Emitter Cutoff Current
VCE = 150 Vdc
ICEO
5.0
mAdc
Collector-Emitter Cutoff Current
VCE = 300 Vdc, VBE = 1.5 Vdc
2N3584
VCE = 400 Vdc, VBE = 1.5 Vdc
2N3585
ICEX
1.0
1.0
mAdc
Emitter-Base Cutoff Current
VEB = 6.0 Vdc
IEBO
0.5
mAdc
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101
Page 1 of 2
2N3584, 2N3585 JAN SERIES


Similar Part No. - 2N3585

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N3585 MOSPEC-2N3585 Datasheet
217Kb / 4P
POWER TRANSISTORS(35W)
logo
Boca Semiconductor Corp...
2N3585 BOCA-2N3585 Datasheet
224Kb / 4P
COMPLEMENTARY MEDIUM-POWER HIGH VOLTAGE POWER TRANSISTORS
logo
Microsemi Corporation
2N3585 MICROSEMI-2N3585 Datasheet
64Kb / 3P
5 Amp, 500V, High Voltage NPN Silicon Power Transistors
logo
Central Semiconductor C...
2N3585 CENTRAL-2N3585 Datasheet
51Kb / 1P
Power Transistors
logo
Savantic, Inc.
2N3585 SAVANTIC-2N3585 Datasheet
139Kb / 4P
Silicon NPN Power Transistors
More results

Similar Description - 2N3585

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2N3771 STMICROELECTRONICS-2N3771 Datasheet
64Kb / 4P
HIGH POWER NPN SILICON TRANSISTOR
Jun-1997
BUX98C STMICROELECTRONICS-BUX98C Datasheet
41Kb / 4P
HIGH POWER NPN SILICON TRANSISTOR
Sep-2003
2N6547 STMICROELECTRONICS-2N6547 Datasheet
46Kb / 4P
HIGH POWER NPN SILICON TRANSISTOR
Oct-2001
BUT100 STMICROELECTRONICS-BUT100_03 Datasheet
45Kb / 4P
HIGH POWER NPN SILICON TRANSISTOR
Feb-2003
2N3771 STMICROELECTRONICS-2N3771_00 Datasheet
46Kb / 4P
HIGH POWER NPN SILICON TRANSISTOR
Dec-2000
logo
New Jersey Semi-Conduct...
2N1618 NJSEMI-2N1618 Datasheet
157Kb / 2P
HIGH POWER NPN SILICON TRANSISTOR
2N3772 NJSEMI-2N3772 Datasheet
124Kb / 1P
HIGH POWER NPN SILICON TRANSISTOR
BUX10 NJSEMI-BUX10 Datasheet
98Kb / 3P
HIGH POWER NPN SILICON TRANSISTOR
logo
M/A-COM Technology Solu...
2N6676 MA-COM-2N6676 Datasheet
482Kb / 4P
NPN High Power Silicon Transistor
logo
New Jersey Semi-Conduct...
MJE2801 NJSEMI-MJE2801 Datasheet
84Kb / 1P
HIGH-POWER NPN SILICON TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com