Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2706 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2706
Description  Miniature, Variable, Step-Down DC-DC Converter with Bypass for RF Power Amplifiers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2706 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM2706 Datasheet HTML 5Page - National Semiconductor (TI) LM2706 Datasheet HTML 6Page - National Semiconductor (TI) LM2706 Datasheet HTML 7Page - National Semiconductor (TI) LM2706 Datasheet HTML 8Page - National Semiconductor (TI) LM2706 Datasheet HTML 9Page - National Semiconductor (TI) LM2706 Datasheet HTML 10Page - National Semiconductor (TI) LM2706 Datasheet HTML 11Page - National Semiconductor (TI) LM2706 Datasheet HTML 12Page - National Semiconductor (TI) LM2706 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Device Information (Continued)
Circuit Operation
Referring to Figures 1, 2, 3, the LM2706 operates as follows.
During the first part of each switching cycle, the control block
in the LM2706 turns on the internal PFET switch. This allows
current to flow from the input through the inductor to the
output filter capacitor and load. The inductor limits the cur-
rent to a ramp with a slope of around (V
IN –VOUT)/L, by
storing energy in a magnetic field. During the second part of
each cycle, the controller turns the PFET switch off, blocking
current flow from the input, and then turns the NFET syn-
chronous rectifier on. In response, the inductor’s magnetic
field collapses, generating a voltage that forces current from
ground through the synchronous rectifier to the output filter
capacitor and load. As the stored energy is transferred back
into the circuit and depleted, the inductor current ramps
down with a slope around V
OUT/L. If the inductor current
reaches zero before the next cycle, the synchronous rectifier
is turned off to prevent current reversal. The output filter
capacitor stores charge when the inductor current is high,
and releases it when low, smoothing the voltage across the
load.
The output voltage is regulated by modulating the PFET
switch on time to control the average current sent to the load.
The effect is identical to sending a duty-cycle modulated
rectangular wave formed by the switch and synchronous
rectifier at SW to a low-pass filter formed by the inductor and
output filter capacitor. The output voltage is equal to the
average voltage at the SW pin.
20040904
FIGURE 1. Typical Operating Circuit
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com