Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1012 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1012
Description  Picoamp Input Current, Microvolt Offset, Low Noise Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1012 Datasheet(HTML) 1 Page - Linear Technology

  LT1012 Datasheet HTML 1Page - Linear Technology LT1012 Datasheet HTML 2Page - Linear Technology LT1012 Datasheet HTML 3Page - Linear Technology LT1012 Datasheet HTML 4Page - Linear Technology LT1012 Datasheet HTML 5Page - Linear Technology LT1012 Datasheet HTML 6Page - Linear Technology LT1012 Datasheet HTML 7Page - Linear Technology LT1012 Datasheet HTML 8Page - Linear Technology LT1012 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
sn1012 1012afbs
LT1012A/LT1012
s
OP-07 Type Performance:
at 1/8th of OP-07’s Supply Current
at 1/20th of OP-07’s Bias and Offset Currents
s
Guaranteed Offset Voltage: 25
µV Max
s
Guaranteed Bias Current: 100pA Max
s
Guaranteed Drift: 0.6
µV/°C Max
s
Low Noise, 0.1Hz to 10Hz: 0.5
µVP-P
s
Guaranteed Low Supply Current: 500
µA Max
s
Guaranteed CMRR: 114dB Min
s
Guaranteed PSRR: 114dB Min
s
Guaranteed Operation at
±1.2V Supplies
The LT
®1012 is an internally compensated universal
precision operational amplifier which can be used in
practically all precision applications. The LT1012
combines picoampere bias currents (which are
maintained over the full –55
°C to 125°C temperature
range), microvolt offset voltage (and low drift with time
and temperature), low voltage and current noise, and
low power dissipation. The LT1012 achieves precision
operation on two Ni-Cad batteries with 1mW of power
dissipation. Extremely high common mode and
power supply rejection ratios, practically unmeasurable
warm-up drift, and the ability to deliver 5mA load current
with a voltage gain of one million round out the LT1012’s
superb precision specifications.
The all around excellence of the LT1012 eliminates the
necessity of the time consuming error analysis procedure
of precision system design in many applications; the
LT1012 can be stocked as the universal internally
compensated precision op amp.
s
Replaces OP-07 While Saving Power
s
Precision Instrumentation
s
Charge Integrators
s
Wide Dynamic Range Logarithmic Amplifiers
s
Light Meters
s
Low Frequency Active Filters
s
Thermocouple Amplifiers
± 250V Common Mode Range Instrumentation Amplifier (AV = 1)
Picoamp Input Current,
Microvolt Offset,
Low Noise Op Amp
Typical Distribution of Input
Offset Voltage
+IN
–IN
–
+
2
3
4
LT1012
7
6
LT1012A • TA01
R3
1M
R2
20k
R4
19.608k
R1
1M
R5
975k
– 6V TO –18V
6V TO 18V
R6
25k
OUT
R1 TO R6: VISHAY 444
ACCUTRACT THIN FILM
OPTIONAL
CMRR
TRIM
50k
SIP NETWORK
: VISHAY 444 PIN NUMBERS
VISHAY INTERTECHNOLOGY, INC
63 LINCOLN HIGHWAY
MALVERN, PA 19355
COMMON MODE REJECTION RATIO = 74dB (RESISTOR LIMITED)
WITH OPTIONAL TRIM = 130dB
OUTPUT OFFSET (TRIMMABLE TO ZERO) = 500
µV
OUTPUT OFFSET DRIFT = 10
µV/°C
INPUT RESISTANCE = 1M
COMMON
MODE
INPUT
±250V
X
3
4
1
2
7
6
5
INPUT OFFSET VOLTAGE (
µV)
120
160
200
LT1012A • TA02
80
40
0
–40
–20
20
40
0
1140 UNITS
FROM THREE
RUNS
VS = ±15V
TA = 25°C
VCM = 0V
Protected by U. S. patents 4,575,685 and 4,775,884
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
, LTC and LT are registered trademarks of Linear Technology Corporation.


Similar Part No. - LT1012

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1012 LINER-LT1012 Datasheet
871Kb / 12P
Picoamp Input Current, Microvolt Offset, Low Noise Op Amp???
LT1012 LINER-LT1012 Datasheet
182Kb / 12P
Micropower Thermocouple Cold Junction Compensator
LT1012 LINER-LT1012 Datasheet
345Kb / 20P
Picoamp Input Current, Microvolt Offset, Low Noise Op Amp
LT1012 LINER-LT1012 Datasheet
558Kb / 24P
Dual Serial 18-Bit SoftSpan IOUT DACs
LT1012A LINER-LT1012A Datasheet
871Kb / 12P
Picoamp Input Current, Microvolt Offset, Low Noise Op Amp???
More results

Similar Description - LT1012

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT012S8 LINER-LT012S8 Datasheet
164Kb / 3P
Picoamp Input Current,Microvolt Offset,Low Noise Op Amp
LT1008 LINER-LT1008 Datasheet
946Kb / 12P
Picoamp Input Current,Microvolt Offset,Low Noise Op Amp?
LT1012A LINER-LT1012A Datasheet
871Kb / 12P
Picoamp Input Current, Microvolt Offset, Low Noise Op Amp???
logo
Sensitron
SCP-5453 SENSITRON-SCP-5453 Datasheet
62Kb / 5P
Dual, Matched Picoampere, Microvolt Input, Low Noise Op Amp
logo
Linear Technology
LT1008 LINER-LT1008_1 Datasheet
275Kb / 16P
Picoamp Input Current, Microvolt Offset, Low Noise Op Amp
LT1024 LINER-LT1024_1 Datasheet
174Kb / 12P
Dual, Matched Picoampere, Microvolt Input, Low Noise Op Amp
LT1008 LINER-LT1008_15 Datasheet
281Kb / 16P
Picoamp Input Current, Microvolt Offset, Low Noise Op Amp
LT1024 LINER-LT1024_15 Datasheet
180Kb / 12P
Dual, Matched Picoampere, Microvolt Input, Low Noise Op Amp
LT1012 LINER-LT1012_15 Datasheet
345Kb / 20P
Picoamp Input Current, Microvolt Offset, Low Noise Op Amp
LT1012A LINER-LT1012A_15 Datasheet
345Kb / 20P
Picoamp Input Current, Microvolt Offset, Low Noise Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com