Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1969CMS Datasheet(PDF) 13 Page - Linear Technology

Part # LT1969CMS
Description  Dual 700MHz, 200mA, Adjustable Current Operational Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1969CMS Datasheet(HTML) 13 Page - Linear Technology

Back Button LT1969CMS Datasheet HTML 9Page - Linear Technology LT1969CMS Datasheet HTML 10Page - Linear Technology LT1969CMS Datasheet HTML 11Page - Linear Technology LT1969CMS Datasheet HTML 12Page - Linear Technology LT1969CMS Datasheet HTML 13Page - Linear Technology LT1969CMS Datasheet HTML 14Page - Linear Technology LT1969CMS Datasheet HTML 15Page - Linear Technology LT1969CMS Datasheet HTML 16Page - Linear Technology LT1969CMS Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
LT1969
network is bootstrapped. This network can also be placed
between the inverting input and an AC ground.
Another compensation scheme for noninverting circuits is
shown in Figure 4. The circuit is unity gain at low frequency
and a gain of 1 + RF/RG at high frequency. The DC output
offset is reduced by a factor of ten. The techniques of
Figures 3 and 4 can be combined as shown in Figure 5. The
gain is unity at low frequencies, 1 + RF/RG at mid-band and
for stability, a gain of 10 or greater at high frequencies.
Output Loading
The LT1969 output stage is very wide bandwidth and able
to source and sink large currents. Reactive loading, even
isolated with a back-termination resistor, can cause ring-
ing at frequencies of hundreds of MHz. For this reason, any
design should be evaluated over a wide range of output
conditions. To reduce the effects of reactive loading, an
optional snubber network consisting of a series RC across
the load can provide a resistive load at high frequency.
Another option is to filter the drive to the load. If a back-
termination resistor is used, a capacitor to ground at the
load can eliminate ringing.
Line Driving Back-Termination
The standard method of cable or line back-termination is
shown in Figure 6. The cable/line is terminated in its
characteristic impedance (50
Ω, 75Ω, 100Ω, 135Ω, etc.).
A back-termination resistor also equal to to the
chararacteristic impedance should be used for maximum
pulse fidelity of outgoing signals, and to terminate the line
for incoming signals in a full-duplex application. There are
three main drawbacks to this approach. First, the power
dissipated in the load and back-termination resistors is
equal so half of the power delivered by the amplifier is
Figure 5. Combination Compensation
RC
Vo
Vi
CC
1969 F05
RF
RG
CBIG
RF
RG
= 1 AT LOW FREQUENCIES
= 1 +
AT MEDIUM FREQUENCIES
RF
(RC || RG)
= 1 +
AT HIGH FREQUENCIES
Vo
Vi
Figure 4. Alternate Noninverting Compensation
1969 F04
RF
RG
Vi
VO
CC
< 15MHz
1
2
πRGCC
RG ≤ RF/9
= 1 (LOW FREQUENCIES)
(HIGH FREQUENCIES)
Vo
Vi
= 1 +
RF
RG
Figure 6. Standard Cable/Line Back-Termination
1969 F06
RF
RBT
CABLE OR LINE WITH
CHARACTERISTIC IMPEDANCE RL
RG
VO
Vi
RL
(1 + RF/RG)
=
Vo
Vi
1
2
RBT = RL
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com