Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1012CH Datasheet(PDF) 13 Page - Linear Technology

Part # LT1012CH
Description  Picoamp Input Current, Microvolt Offset, Low Noise Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1012CH Datasheet(HTML) 13 Page - Linear Technology

Back Button LT1012CH Datasheet HTML 9Page - Linear Technology LT1012CH Datasheet HTML 10Page - Linear Technology LT1012CH Datasheet HTML 11Page - Linear Technology LT1012CH Datasheet HTML 12Page - Linear Technology LT1012CH Datasheet HTML 13Page - Linear Technology LT1012CH Datasheet HTML 14Page - Linear Technology LT1012CH Datasheet HTML 15Page - Linear Technology LT1012CH Datasheet HTML 16Page - Linear Technology LT1012CH Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
sn1012 1012afbs
LT1012A/LT1012
Amplifier for Bridge Transducers
VOLTAGE GAIN
≈ 100
R5
56M
R6
56M
R2
100k
S2
100k
S1
100k
R1
100k
2
3
OUT
R3
R4
510k
510k
6
–
+
LT1012
V+
LT1012A • TA06
T
T
Saturated Standard Cell Amplifier
–15V
15V
3
2
4
THE TYPICAL 30pA BIAS CURRENT OF THE LT1012 WILL
DEGRADE THE STANDARD CELL BY ONLY 1ppm/YEAR.
NOISE IS A FRACTION OF A ppm. UNPROTECTED GATE
MOSFET ISOLATES STANDARD CELL ON POWER DOWN
R1
R2
6
7
LT1008
OUT
–
+
2N3609
SATURATED
STANDARD
CELL
#101
EPPLEY LABS
NEWPORT, R.I.
LT1012
LT1012A • TA05
+
1.018235V
TYPICAL APPLICATIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com