Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI6CU877NF Datasheet(PDF) 10 Page - Pericom Semiconductor Corporation

Part # PI6CU877NF
Description  PLL Clock Driver for 1.8V DDR2 Memory
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6CU877NF Datasheet(HTML) 10 Page - Pericom Semiconductor Corporation

Back Button PI6CU877NF Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6CU877NF Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6CU877NF Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6CU877NF Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6CU877NF Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6CU877NF Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6CU877NF Datasheet HTML 9Page - Pericom Semiconductor Corporation PI6CU877NF Datasheet HTML 10Page - Pericom Semiconductor Corporation PI6CU877NF Datasheet HTML 11Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
PS8689B
08/05/04
PI6CU877
PLL Clock Driver for
1.8V DDR2 Memory
���
���
����
�����
�������
������
����
�������
�������
�������
������
����
�������
�������
Figure 10. Dynamic Phase Offset
Figure 11. Time Delay Between Output Enable (OE) and Clock Output (Y, Y)
OE
Y/Y
Y
Y
50% VDD
50% VDD
tdis
50% VDD
50% VDD
ten
OE
Y
Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com