Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9201ESE Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX9201ESE
Description  Low-Cost, 7ns, Low-Power Voltage Comparators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9201ESE Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX9201ESE Datasheet HTML 1Page - Maxim Integrated Products MAX9201ESE Datasheet HTML 2Page - Maxim Integrated Products MAX9201ESE Datasheet HTML 3Page - Maxim Integrated Products MAX9201ESE Datasheet HTML 4Page - Maxim Integrated Products MAX9201ESE Datasheet HTML 5Page - Maxim Integrated Products MAX9201ESE Datasheet HTML 6Page - Maxim Integrated Products MAX9201ESE Datasheet HTML 7Page - Maxim Integrated Products MAX9201ESE Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Low Cost, 7ns, Low-Power
Voltage Comparators
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = +5V, VEE = -5V, VDD = +5V, GND = 0, VCM = 0, LATCH_ = logic high, TA = -40°C to +85°C. Typical values are at TA = +25°C,
unless otherwise noted.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and function-
al operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure
to absolute maximum rating conditions for extended periods may affect device reliability.
Analog Supply Voltage (VCC - VEE) .....................................+12V
Digital Supply Voltage (VDD) .................................................+7V
Differential Input Voltage..................(VEE - 0.3V) to (VCC + 0.3V)
Common Mode Input Voltage ..........(VEE - 0.3V) to (VCC + 0.3V)
Latch Input Voltage
(MAX9202/MAX9203 only) .....................-0.3V to (VDD + 0.3V)
Output Short-Circuit Duration
To GND ......................................................................Continuous
To VDD ..................................................................................1min
Continuous Power Dissipation (TA = +70°C)
8-Pin SOT23-8 (derate 9.1mW/°C above +70°C) ...727mW/°C
8-Pin SO (derate 5.9mW/°C above +70°C).............471mW/°C
14-Pin TSSOP (derate 9.1mW/°C above +70°C) ....727mW/°C
14-Pin SO (derate 8.3mW/°C above +70°C)...........667mW/°C
16-Pin TSSOP (derate 9.4mW/°C above +70°C) ....755mW/°C
16-Pin SO (derate 8.7mW/°C above +70°C)...........696mW/°C
Operating Temperature Range ...........................-45°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range ............................-65°C to +150°C
Lead Temperature (soldering, 10s) ................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Analog Supply Voltage Range
VCC - VEE Referenced to VEE
4.75
10.5
V
Digital Supply Voltage Range
VDD
Referenced to GND
4.75
5.25
V
TA = +25
°C1
4
Input Offset Voltage
VOS
VCM = 0,
VOUT= 1.4V
TA = -40
°C to +85°C
7.5
mV
TA = +25
°C
1.25
5
Input Bias Current
IB
IIN+ or IIN-
TA = -40
°C to +85°C
7.0
µA
TA = +25
°C50
250
Input Offset Current
IOS
VCM = 0,
VOUT = 1.4V
TA = -40
°C to +85°C
450
nA
Common-Mode Input Voltage
Range
VCM
Note 2
VEE - 0.1
VCC -
2.25
V
TA = +25
°C50
150
Common-Mode Rejection
Ratio
CMRR
-5.1V < VCM < +2.75V
VOUT = 1.4V
TA = -40
°C to +85°C
250
µV/V
TA = +25
°C50
150
Power-Supply Rejection Ratio
PSRR
Note 3
TA = -40
°C to +85°C
250
µV/V
Output High Voltage
VOH
(VIN+ - VIN-) > 250mV, ISOURCE = 1mA
3.0
3.5
V
Output Low Voltage
VOL
(VIN+ - VIN-) < -250mV, ISINK = 8mA
0.25
0.4
V
Latch Input Threshold Voltage
High
VLH
Note 4
1.4
2
V
Latch Input Threshold Voltage
Low
VLL
Note 4
0.8
1.4
V
Latch Input Current High
ILH
VLH = 3.0V, Note 4
0.5
3
µA
Latch Input Current Low
ILL
VLL = 0.3V, Note 4
0.5
3
µA
Input Capacitance
CIN
4pF
Differential Input Impedance
RIND
5M
Common-Mode Input
Impedance
RINCM
5.5
M
MAX9201
4.7
7
MAX9202
2.5
4.0
Positive Analog Supply
Current
ICC
Note 5
MAX9203
1.3
2
mA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com