Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2224 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC2224
Description  High Efficiency 2MHz PWM Buck Converter with DAC Input and 40mOHM Bypass Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2224 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC2224 Datasheet HTML 1Page - Micrel Semiconductor MIC2224 Datasheet HTML 2Page - Micrel Semiconductor MIC2224 Datasheet HTML 3Page - Micrel Semiconductor MIC2224 Datasheet HTML 4Page - Micrel Semiconductor MIC2224 Datasheet HTML 5Page - Micrel Semiconductor MIC2224 Datasheet HTML 6Page - Micrel Semiconductor MIC2224 Datasheet HTML 7Page - Micrel Semiconductor MIC2224 Datasheet HTML 8Page - Micrel Semiconductor MIC2224 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Micrel
MIC2224
January 2005
2
M9999-012705
www.micrel.com
Ordering Information
Part Number
Output
Voltage
(1)
Junction Temp. Range
Package
Lead Finish
MIC2224YML
Adj.
–40° to +125°C
3x3 MLF-10L
Pb-free
Pin Configuration
SW
VIN
VIN
EN
PGND
VOUT
VOUT
AGND
1
2
3
4
10
9
8
7
56
AVIN
DAC
EP
3mm x 3mm MLF-10L (ML)
Pin Description
Pin
Pin Name
Pin Function
1
SW
Switch (Output): Internal power MOSFET output switches.
2, 3
VIN
Supply Voltage (Input): Requires bypass capacitor to GND.
4
EN
A low level EN will power down the device, reducing the quiescent current to under 5uA
( typ 1uA )
5
AVIN
Supply Voltage (Input): Requires bypass capacitor to GND.
6
DAC
DAC Control Input. Provides control of output voltage. The output voltage is 3 X the
DAC voltage. (Ex. 0.5VDAC=1.5Vout) Bypass mode is enabled when the DAC voltage
exceeds 1.2V.
7
AGND
Signal Ground of chip
8, 9
VOUT
Source of Internal P-Channel MOSFET and Feedback of internal PWM regulator.
10
PGND
Power Ground of chip.
EP
Exposed Pad
Connect to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com