Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP3276 Datasheet(PDF) 12 Page - Exar Corporation

Part # MP3276
Description  Fault Protected 16 Channel, 12-Bit Data Acquisition Subsystem
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP3276 Datasheet(HTML) 12 Page - Exar Corporation

Back Button MP3276 Datasheet HTML 8Page - Exar Corporation MP3276 Datasheet HTML 9Page - Exar Corporation MP3276 Datasheet HTML 10Page - Exar Corporation MP3276 Datasheet HTML 11Page - Exar Corporation MP3276 Datasheet HTML 12Page - Exar Corporation MP3276 Datasheet HTML 13Page - Exar Corporation MP3276 Datasheet HTML 14Page - Exar Corporation MP3276 Datasheet HTML 15Page - Exar Corporation MP3276 Datasheet HTML 16Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
MP3276
12
Rev. 4.00
A
.165
.180
4.19
4.57
A1
.095
.118
2.51
3.00
A2
0.146
0.154
3.71
3.91
B
0.013
0.021
0.330
0.553
C
0.097
0.0103
0.246
0.261
D
.985
.995
25.02
25.27
D1 (1)
.950
.954
24.13
24.23
D2
.890
.930
22.60
23.62
D3
0.800 Ref
20.32 Ref.
e1
0.050 BSC
1.27 BSC
68 LEAD PLASTIC LEADED CHIP CARRIER
(PLCC)
P68
SYMBOL
MIN
MAX
MIN
MAX
INCHES
1
D
D 1
D
D1
D3
Note:
(1)
Dimension D1 does not include mold protrusion.
Allowed mold protrusion is 0.254 mm/0.010 in.
D2
B
e1
A
A1
C
Seating
Plane
A2
MILLIMETERS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com