Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP7610AP Datasheet(PDF) 10 Page - Exar Corporation

Part # MP7610AP
Description  D/A Converter with Output Amplifier and Serial Data/Address mP Control Logic
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7610AP Datasheet(HTML) 10 Page - Exar Corporation

Back Button MP7610AP Datasheet HTML 6Page - Exar Corporation MP7610AP Datasheet HTML 7Page - Exar Corporation MP7610AP Datasheet HTML 8Page - Exar Corporation MP7610AP Datasheet HTML 9Page - Exar Corporation MP7610AP Datasheet HTML 10Page - Exar Corporation MP7610AP Datasheet HTML 11Page - Exar Corporation MP7610AP Datasheet HTML 12Page - Exar Corporation MP7610AP Datasheet HTML 13Page - Exar Corporation MP7610AP Datasheet HTML 14Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
MP7610
10
Rev. 4.01
A0 to A15
02
R/W
DBO to DB7
MC6800
8
16
E1
E3
E2
A0 to A2
3
16
8
74LS138
Address
Decoder
SDI
DB7
RST
LD
CLK
Data Bus
Address Bus
From SYSTEM RESET
NOTES
1.
Execute consecutive memory write instructions while manipulating the data between WRITEs so that each
WRITE presents the next bit.
2.
The serial data loading is triggered by the CLK pulse which is asserted by a decoded memory WRITE to
memory location 2000, R/W, and 02. A WRITE to address 4000 transfers data from input shift register to DAC
register.
Figure 7. MC6800 Interface
Figure 8. 8085 Interface
ALE
WR
SOD
8085
8212
8
8
8
Address Bus
Data Bus
+5
E1
E3
E2
A0 to A2
3
74LS138
Address
Decoder
SDI
LD
RST
CLK
From SYSTEM RESET
NOTES:
1.
Clock generated by WR and decoding address 8000.
2.
Data is clocked in the DAC shift register by executing memory write instructions. The clock input is generated
by decoding address 8000 and WR. Data is then loaded into the DAC register with a memory write instruction
to address 4000.
3.
Serial data must be present in the right justified format in registers H & L of the microprocessor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com