Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JCS19N20 Datasheet(PDF) 5 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # JCS19N20
Description  N- CHANNEL MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

JCS19N20 Datasheet(HTML) 5 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  JCS19N20 Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS19N20 Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS19N20 Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS19N20 Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS19N20 Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS19N20 Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS19N20 Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS19N20 Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS19N20 Datasheet HTML 9Page - JILIN SINO-MICROELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
R
JCS19N20
版本:201510F
5/10
特征曲线 ELECTRICAL CHARACTERISTICS (curves)
10
0
10
1
0.0
5.0x10
2
1.0x10
3
1.5x10
3
2.0x10
3
C
rss
C
oss
C
iss
C
iss=Cgs+Cgd(Cds=shorted)
C
oss=Cds+Cgd
C
rss=Cgd
V
DS Drain-Source Voltage [V]
0
2
4
6
8
10
12
0
10
20
30
40
50
Notes:
I
D=18A
V
DS=40V
V
DS=100V
V
DS=160V
Q
g Toltal Gate Charge [nC]
Capacitance Characteristics
Gate Charge Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com