Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JCS20N60FH Datasheet(PDF) 5 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # JCS20N60FH
Description  N- CHANNEL MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

JCS20N60FH Datasheet(HTML) 5 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  JCS20N60FH Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS20N60FH Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS20N60FH Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS20N60FH Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS20N60FH Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS20N60FH Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS20N60FH Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS20N60FH Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
R
JCS20N60FH
版本:201112B
5/8
特征曲线
ELECTRICAL CHARACTERISTICS (curves)
On-Region Characteristics
Transfer Characteristics
On-Resistance Variation vs
Drain Current and Gate Voltage
Body Diode Forward Voltage Variation
vs. Source Current and Temperature
Capacitance Characteristics
Capacitance Characteristics
10
0
10
1
10
0
10
1
10
2
*Note:
1. 250μs Pulse Test
2. T
J=25℃
Vgs
Top 15.0V
10.0V
9.0V
8.0V
7.0V
6.5V
6.0V
Bottom 5.5V
V
DS Drain-Source Voltage[V]
10
0
10
1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
25℃
150℃
V
SD Source-Drain voltage[V]
Note:
1.VGS=0V
2.250μs Pulse Test
0
2
4
6
8
10
12
0
5
10
15
20
25
30
35
40
45
50
*Note:I
D=20A
V
DS=400V
V
DS=250V
V
DS=100V
Q
g Toltal Gate Charge [nC]
02
46
8
10
12
14
16
18
20
22
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
Note :T
j=25℃
V
GS=10V
V
GS=20V
I
D [A]
24
68
10
12
10
0
10
1
10
2
-55℃
25℃
V
GS Gate-Source Voltage[V]
150℃
Note:
1.VDS=40V
2.250μs Pulse Test
10
-1
10
0
10
1
0
1000
2000
3000
4000
5000
6000
7000
8000
9000
Coss
Ciss
Crss
*Note:
1. V
GS=0V
2. f=1 MHz
C
iss=Cgs+Cgd(Cds=shorted)
C
oss=Cds+Cgd
C
rss=Cgd
V
DS Drain-Source Voltage [V]



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com