Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSD1801Z Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # SSD1801Z
Description  LCD Segment / Common Driver with Controller for Character Display System
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SSD1801Z Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  SSD1801Z Datasheet HTML 1Page - List of Unclassifed Manufacturers SSD1801Z Datasheet HTML 2Page - List of Unclassifed Manufacturers SSD1801Z Datasheet HTML 3Page - List of Unclassifed Manufacturers SSD1801Z Datasheet HTML 4Page - List of Unclassifed Manufacturers SSD1801Z Datasheet HTML 5Page - List of Unclassifed Manufacturers SSD1801Z Datasheet HTML 6Page - List of Unclassifed Manufacturers SSD1801Z Datasheet HTML 7Page - List of Unclassifed Manufacturers SSD1801Z Datasheet HTML 8Page - List of Unclassifed Manufacturers SSD1801Z Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
SOLOMON
Rev 1
.1
01/2003
SSD1801 Series
4
PIN ARRANGEMENT OF SSD1801Z GOLD BUMP DIE
Alignment Keys
Figure 2 – SSD1801Z Pin Arrangement
Die Size:
6170um x 1480um (include scribe line)
6070um x 1380um (exclude scribe line)
Die Thickness:
670 +/-25um
Bump Size
Minimum Pitch
PAD: 1-63
52.15 x 60.2 um
76.3um
PAD: 65-79,
164-178 74.9 x 42 um
63.7um
PAD: 81-162
42 x 74.9 um
63.7um
PAD: 64,80,163,179
52.15 X 52.15 um
Bump Height: Nominal
18um
Note:
1. The die faces up in the diagram.
2. Coordinates are reference to the center of the chip.
3. Unit of coordinates and size of all alignment keys are in um.
4. All alignment keys do not contain gold bump.
(-2835, -598.5)
X
37.6
µm
8.75
µm
(2835, -598.5)
X
37.6
µm
8.75
µm
X
Center (-2940.9, 480.0)
26.3
µm 26.3 µm 26.3 µm
X
Center (2940.9, 480.0)
26.3
µm 26.3 µm 26.3 µm
61.3
µm
Center (-2101.9, 169.6)
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com