Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M95640-DL3P Datasheet(PDF) 36 Page - STMicroelectronics

Part # M95640-DL3P
Description  64Kbit and 32Kbit Serial SPI Bus EEPROM With High Speed Clock
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95640-DL3P Datasheet(HTML) 36 Page - STMicroelectronics

Back Button M95640-DL3P Datasheet HTML 31Page - STMicroelectronics M95640-DL3P Datasheet HTML 32Page - STMicroelectronics M95640-DL3P Datasheet HTML 33Page - STMicroelectronics M95640-DL3P Datasheet HTML 34Page - STMicroelectronics M95640-DL3P Datasheet HTML 35Page - STMicroelectronics M95640-DL3P Datasheet HTML 36Page - STMicroelectronics M95640-DL3P Datasheet HTML 37Page - STMicroelectronics M95640-DL3P Datasheet HTML 38Page - STMicroelectronics M95640-DL3P Datasheet HTML 39Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 36 / 39 page
background image
M95640, M95320
36/39
Figure 23. TSSOP14 - 14 lead Thin Shrink Small Outline, Package Outline
Notes: 1. Drawing is not to scale.
Table 26. TSSOP14 - 14 lead Thin Shrink Small Outline, Package Mechanical Data
TSSOP14-M
1
14
CP
c
L
E
E1
D
A2
A
α
e
b
7
8
A1
L1
Symbol
mm
inches
Typ.
Min.
Max.
Typ.
Min.
Max.
A
1.200
0.0472
A1
0.050
0.150
0.0020
0.0059
A2
1.000
0.800
1.050
0.0394
0.0315
0.0413
b
0.190
0.300
0.0075
0.0118
c
0.090
0.200
0.0035
0.0079
CP
0.100
0.0039
D
5.000
4.900
5.100
0.1969
0.1929
0.2008
e
0.650
–
–
0.0256
–
–
E
6.400
6.200
6.600
0.2520
0.2441
0.2598
E1
4.400
4.300
4.500
0.1732
0.1693
0.1772
L
0.600
0.500
0.750
0.0236
0.0197
0.0295
L1
1.000
0.0394
α
0°
8°
0°
8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com