Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UBA2014 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # UBA2014
Description  600 V driver IC for HF fluorescent lamps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UBA2014 Datasheet(HTML) 2 Page - NXP Semiconductors

  UBA2014 Datasheet HTML 1Page - NXP Semiconductors UBA2014 Datasheet HTML 2Page - NXP Semiconductors UBA2014 Datasheet HTML 3Page - NXP Semiconductors UBA2014 Datasheet HTML 4Page - NXP Semiconductors UBA2014 Datasheet HTML 5Page - NXP Semiconductors UBA2014 Datasheet HTML 6Page - NXP Semiconductors UBA2014 Datasheet HTML 7Page - NXP Semiconductors UBA2014 Datasheet HTML 8Page - NXP Semiconductors UBA2014 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2002 May 16
2
Philips Semiconductors
Product specification
600 V driver IC for HF fluorescent lamps
UBA2014
FEATURES
• Adjustable preheat time
• Adjustable preheat current
• Current controlled operating
• Single ignition attempt
• Adaptive non-overlap time control
• Integrated high-voltage level-shift function
• Power-down function
• Protection against lamp failures or lamp removal
• Capacitive mode protection.
APPLICATIONS
The circuit topology enables a broad range of ballast
applications at different mains voltages for driving lamp
types from e.g. T8, T5, PLC, T10, T12, PLL and PLT.
GENERAL DESCRIPTION
The IC is a monolithic integrated circuit for driving
electronically ballasted fluorescent lamps, with mains
voltages up to 277 V (RMS) (nominal value).
The circuit is made in a 650 V BCD power-logic process.
It provides the drive function for the 2 discrete power
MOSFETs.
Beside the drive function the IC also includes the level-shift
circuit, the oscillator function, a lamp voltage monitor, a
current control function, a timer function and protections.
ORDERING INFORMATION
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
UBA2014T
SO16
plastic small outline package; 16 leads; body width 3.9 mm
SOT109-1
UBA2014P
DIP16
plastic dual in-line package; 16 leads (300 mil); long body
SOT38-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com