Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT9D115D00STCK25AC1-200 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MT9D115D00STCK25AC1-200
Description  System?륮n?륾?륝hip (SOC) CMOS Digital Image Sensor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MT9D115D00STCK25AC1-200 Datasheet(HTML) 3 Page - ON Semiconductor

  MT9D115D00STCK25AC1-200 Datasheet HTML 1Page - ON Semiconductor MT9D115D00STCK25AC1-200 Datasheet HTML 2Page - ON Semiconductor MT9D115D00STCK25AC1-200 Datasheet HTML 3Page - ON Semiconductor MT9D115D00STCK25AC1-200 Datasheet HTML 4Page - ON Semiconductor MT9D115D00STCK25AC1-200 Datasheet HTML 5Page - ON Semiconductor MT9D115D00STCK25AC1-200 Datasheet HTML 6Page - ON Semiconductor MT9D115D00STCK25AC1-200 Datasheet HTML 7Page - ON Semiconductor MT9D115D00STCK25AC1-200 Datasheet HTML 8Page - ON Semiconductor MT9D115D00STCK25AC1-200 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
MT9D115
www.onsemi.com
3
TYPICAL CONNECTION
1. This typical configuration shows only one scenario out of multiple possible variations for this sensor.
2. If a MIPI Interface is not required, the following pads must be left floating: DOUT_P, DOUT_N, CLK_P, and CLK_N.
3. The general purpose input/output (GPIO) pads can serve multiple features that can be reconfigured. The function and direction will vary
by applications.
4. Only one of the output modes (serial or parallel) can be used at any time.
5. ON Semiconductor recommends a resistor value of 1.5 k
W to VDD_IO for the two-wire serial interface RPULL-UP; however, greater values
may be used for slower transmission speed.
6. VAA and VAA_PIX may be tied together. Although separate decoupling capacitors are recommended for VAA and VAA_PIX, decoupling
capacitors can be shared if one would like to reduce module size.
7. VPP is the one-time programmable memory (OTPM) programming voltage and should be left floating during normal operation.
8. 1.8 V supply shared by MIPI interface and VDD to reduce number of decoupling caps, hence, module size. VDDIO_TX must be connected
to a 1.8 V power supply source even though MIPI interface is not used.
9. ON Semiconductor recommends that 0.1
mF and 1 mF decoupling capacitors for each power supply are mounted as close as possible to
the pad and that a 10
mF capacitor be placed nearby off-module. Actual values and results may vary depending on layout and design
considerations. Please follow ON Semiconductor’s recommended capacitor Recommendations.
10. VDD_PLL and VAA can share the same power source in which case GND_PLL must be connected to GND.
11. Internal pull-up in RESET_BAR pin and can be left floating when not connected.
Figure 2. Typical Configuration (Connection)
I/O
Power
AGND
SCLK
SDATA
VDD_IO
VDD_IO
Notes:
PIXCLK
VDDIO_TX/VDD
VAA_PIX/
VDD_PLL/
VAA
DGND
GPIO[3:0]3
EXTCLK
RESET_BAR
SADDR
Analog
Power
VAA_PIX6
LINE_VALID
FRAME_VALID
DOUT[7:0]
CLK_N
CLK_P
To
Parallel
Camera
Port
To
Serial
Camera
Port2
OR4
RPULL-Up5
Slave
Two-wire
Serial
Interface
Active LOW Reset
External Clock In
(6−54 MHz)
General Purpose
I/Os (FLASH,
OE_BAR,
DOUT_LSB[1:0])
STANDBY
Standby Mode
GND_IO
GND_PLL
VAA6
DOUT_N
DOUT_P
Digital
Core
Power
VDD
PLL
Power
VDD_PLL
MIPI
Power
TX
VDDIO_TX8
VPP7
0.1
mF
0.1
mF
0.1
mF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com