| Electronic Components Datasheet Search |
|
M95640-DL3TP Datasheet(PDF) 16 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M95640-DL3TP Datasheet(HTML) 16 Page - STMicroelectronics |
|
16 / 39 page ![]() M95640, M95320 16/39 Table 5. Protection Modes Note: 1. As defined by the values in the Block Protect (BP1, BP0) bits of the Status Register, as shown in Table 3. The protection features of the device are summa- rized in Table 3. When the Status Register Write Disable (SRWD) bit of the Status Register is 0 (its initial delivery state), it is possible to write to the Status Register provided that the Write Enable Latch (WEL) bit has previously been set by a Write Enable (WREN) in- struction, regardless of the whether Write Protect (W) is driven High or Low. When the Status Register Write Disable (SRWD) bit of the Status Register is set to 1, two cases need to be considered, depending on the state of Write Protect (W): – If Write Protect (W) is driven High, it is possible to write to the Status Register provided that the Write Enable Latch (WEL) bit has previously been set by a Write Enable (WREN) instruction. – If Write Protect (W) is driven Low, it is not pos- sible to write to the Status Register even if the Write Enable Latch (WEL) bit has previously been set by a Write Enable (WREN) instruction. (Attempts to write to the Status Register are re- jected, and are not accepted for execution). As a consequence, all the data bytes in the memo- ry area that are software protected (SPM) by the Block Protect (BP1, BP0) bits of the Status Reg- ister, are also hardware protected against data modification. Regardless of the order of the two events, the Hardware Protected Mode (HPM) can be entered: – by setting the Status Register Write Disable (SRWD) bit after driving Write Protect (W) Low – or by driving Write Protect (W) Low after setting the Status Register Write Disable (SRWD) bit. The only way to exit the Hardware Protected Mode (HPM) once entered is to pull Write Protect (W) High. If Write Protect (W) is permanently tied High, the Hardware Protected Mode (HPM) can never be activated, and only the Software Protected Mode (SPM), using the Block Protect (BP1, BP0) bits of the Status Register, can be used. Table 6. Address Range Bits Note: 1. b15 to b13 are Don’t Care on the M95640. b15 to b12 are Don’t Care on the M95320. W Signal SRWD Bit Mode Write Protection of the Status Register Memory Content Protected Area1 Unprotected Area1 10 Software Protected (SPM) Status Register is Writable (if the WREN instruction has set the WEL bit) The values in the BP1 and BP0 bits can be changed Write Protected Ready to accept Write instructions 00 11 01 Hardware Protected (HPM) Status Register is Hardware write protected The values in the BP1 and BP0 bits cannot be changed Write Protected Ready to accept Write instructions Device M95640 M95320 Address Bits A12-A0 A11-A0 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |