Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD780133 Datasheet(PDF) 13 Page - NEC

Part # PD780133
Description  8-Bit Single-Chip Microcontrollers
PDF  558 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PD780133 Datasheet(HTML) 13 Page - NEC

Back Button PD780133 Datasheet HTML 9Page - NEC PD780133 Datasheet HTML 10Page - NEC PD780133 Datasheet HTML 11Page - NEC PD780133 Datasheet HTML 12Page - NEC PD780133 Datasheet HTML 13Page - NEC PD780133 Datasheet HTML 14Page - NEC PD780133 Datasheet HTML 15Page - NEC PD780133 Datasheet HTML 16Page - NEC PD780133 Datasheet HTML 17Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 558 page
background image
User’s Manual U16228EJ2V0UD
13
8.4.2
Operation as PWM output mode ..................................................................................................217
8.4.3
Carrier generator mode operation (8-bit timer H1 only) ................................................................223
CHAPTER 9 WATCH TIMER ............................................................................................................... 230
9.1
Functions of Watch Timer....................................................................................................... 230
9.2
Configuration of Watch Timer ................................................................................................ 232
9.3
Register Controlling Watch Timer.......................................................................................... 232
9.4
Watch Timer Operations ......................................................................................................... 234
9.4.1
Watch timer operation ..................................................................................................................234
9.4.2
Interval timer operation .................................................................................................................235
9.5
Cautions for Watch Timer ....................................................................................................... 236
CHAPTER 10 WATCHDOG TIMER ..................................................................................................... 237
10.1 Functions of Watchdog Timer ................................................................................................ 237
10.2 Configuration of Watchdog Timer.......................................................................................... 239
10.3 Registers Controlling Watchdog Timer ................................................................................. 240
10.4 Operation of Watchdog Timer ................................................................................................ 242
10.4.1
Watchdog timer operation when “Ring-OSC cannot be stopped” is selected by a mask option ...242
10.4.2
Watchdog timer operation when “Ring-OSC can be stopped by software” is selected by
mask option ..................................................................................................................................243
10.4.3
Watchdog timer operation in STOP mode (when “Ring-OSC can be stopped by software” is
selected by mask option) ..............................................................................................................244
10.4.4
Watchdog timer operation in HALT mode (when “Ring-OSC can be stopped by software” is
selected by mask option) ..............................................................................................................246
CHAPTER 11 CLOCK OUTPUT/BUZZER OUTPUT CONTROLLER............................................... 247
11.1 Functions of Clock Output/Buzzer Output Controller.......................................................... 247
11.2 Configuration of Clock Output/Buzzer Output Controller ................................................... 248
11.3 Register Controlling Clock Output/Buzzer Output Controller............................................. 248
11.4 Clock Output/Buzzer Output Controller Operations ............................................................ 250
11.4.1
Clock output operation..................................................................................................................250
11.4.2
Operation as buzzer output ..........................................................................................................250
CHAPTER 12 A/D CONVERTER ......................................................................................................... 251
12.1 Functions of A/D Converter .................................................................................................... 251
12.2 Configuration of A/D Converter.............................................................................................. 252
12.3 Registers Used in A/D Converter ........................................................................................... 254
12.4 A/D Converter Operations....................................................................................................... 259
12.4.1
Basic operations of A/D converter ................................................................................................259
12.4.2
Input voltage and conversion results ............................................................................................261
12.4.3
A/D converter operation mode......................................................................................................262
12.5 How to Read A/D Converter Characteristics Table .............................................................. 265
12.6 Cautions for A/D Converter..................................................................................................... 267
CHAPTER 13 SERIAL INTERFACE UART0 ...................................................................................... 272
13.1 Functions of Serial Interface UART0 ..................................................................................... 272



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com