Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V850E/MA3 Datasheet(PDF) 69 Page - NEC

Part # V850E/MA3
Description  32-Bit Microprocessor Core
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

V850E/MA3 Datasheet(HTML) 69 Page - NEC

Back Button V850E/MA3 Datasheet HTML 65Page - NEC V850E/MA3 Datasheet HTML 66Page - NEC V850E/MA3 Datasheet HTML 67Page - NEC V850E/MA3 Datasheet HTML 68Page - NEC V850E/MA3 Datasheet HTML 69Page - NEC V850E/MA3 Datasheet HTML 70Page - NEC V850E/MA3 Datasheet HTML 71Page - NEC V850E/MA3 Datasheet HTML 72Page - NEC V850E/MA3 Datasheet HTML 73Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 226 page
background image
CHAPTER 5 INSTRUCTIONS
User’s Manual U14559EJ3V1UM
69
<Special instruction>
Function dispose
DISPOSE
Function Dispose
Instruction format
(1) DISPOSE imm5, list12
(2) DISPOSE imm5, list12, [reg1]
Operation
(1) sp
← sp + zero-extend (imm5 logically shift left by 2)
GR [reg in list12]
← Load-memory (sp, Word)
sp
← sp + 4
repeat 2 steps above until all regs in list12 are loaded
(2) sp
← sp + zero-extend (imm5 logically shift left by 2)
GR [reg in list12]
← Load-memory (sp, Word)
sp
← sp + 4
repeat 2 states above until all regs in list12 are loaded
PC
← GR [reg1]
Format
Format XIII
Opcode
15
0
31
16
(1)
0000011001iiiiiL
LLLLLLLLLLL00000
15
0
31
16
(2)
0000011001iiiiiL
LLLLLLLLLLLRRRRR
RRRRR must not be 00000.
LLLLLLLLLLLL indicates the bit value corresponding to the register list (list12) (for
example, “L” of bit 21 in an opcode indicates the value of bit 21 of list12). list12 is a 32-bit
register list defined as follows.
31
30
29
28
27
26
25
24
23
22
21
20 … 1
0
r24
r25
r26
r27
r20
r21
r22
r23
r28
r29
r31
−
r30
Bits 31 to 21 and bit 0 correspond to each bit of the general-purpose registers (r21 to r31).
The register corresponding to the set bit (1) is specified as the manipulation target. For
example, when r20 and r30 are specified, list12 values are as follows (the set values of bits
20 to 1 to which registers do not correspond can be 0 or 1 (don’t care)).
• If the values of all the bits to which registers do not correspond are set to 0: 08000001H
• If the values of all the bits to which registers do not correspond are set to 1: 081FFFFFH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com