Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7262BCPZ Datasheet(PDF) 32 Page - Analog Devices

Part # AD7262BCPZ
Description  1 MSPS, 12-Bit, Simultaneous Sampling SAR ADC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7262BCPZ Datasheet(HTML) 32 Page - Analog Devices

Back Button AD7262BCPZ Datasheet HTML 25Page - Analog Devices AD7262BCPZ Datasheet HTML 26Page - Analog Devices AD7262BCPZ Datasheet HTML 27Page - Analog Devices AD7262BCPZ Datasheet HTML 28Page - Analog Devices AD7262BCPZ Datasheet HTML 29Page - Analog Devices AD7262BCPZ Datasheet HTML 30Page - Analog Devices AD7262BCPZ Datasheet HTML 31Page - Analog Devices AD7262BCPZ Datasheet HTML 32Page - Analog Devices AD7262BCPZ Datasheet HTML 33Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 32 / 33 page
background image
Data Sheet
AD7262
Rev. B | Page 31 of 32
OUTLINE DIMENSIONS
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
COMPLIANT TO JEDEC STANDARDS MO-220-WKKD.
1
0.50
BSC
BOTTOM VIEW
TOP VIEW
PIN 1
INDICATOR
7.00
BSC SQ
48
13
24
25
36
37
12
EXPOSED
PAD
PIN 1
INDICATOR
5.20
5.10 SQ
5.00
0.45
0.40
0.35
SEATING
PLANE
0.80
0.75
0.70
0.05 MAX
0.02 NOM
0.25 MIN
0.20 REF
COPLANARITY
0.08
0.30
0.23
0.18
Figure 38. 48-Lead Lead Frame Chip Scale Package [LFCSP]
7 mm × 7 mm Body and 0.75 mm Package Height
(CP-48-4)
Dimensions shown in millimeters
COMPLIANT TO JEDEC STANDARDS MS-026-BBC
TOP VIEW
(PINS DOWN)
1
12
13
25
24
36
37
48
0.27
0.22
0.17
0.50
BSC
LEAD PITCH
1.60
MAX
0.75
0.60
0.45
VIEW A
PIN 1
0.20
0.09
1.45
1.40
1.35
0.08
COPLANARITY
VIEW A
ROTATED 90° CCW
SEATING
PLANE
7°
3.5°
0°
0.15
0.05
9.20
9.00 SQ
8.80
7.20
7.00 SQ
6.80
Figure 39. 48-Lead Low Profile Quad Flat Package [LQFP]
(ST-48)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
AD7262BCPZ
−40°C to +105°C
48-Lead Lead Frame Chip Scale Package [LFCSP]
CP-48-4
AD7262BCPZ-RL7
−40°C to +105°C
48-Lead Lead Frame Chip Scale Package [LFCSP]
CP-48-4
AD7262BCPZ-5
−40°C to +105°C
48-Lead Lead Frame Chip Scale Package [LFCSP]
CP-48-4
AD7262BCPZ-5-RL7
−40°C to +105°C
48-Lead Lead Frame Chip Scale Package [LFCSP]
CP-48-4
AD7262BSTZ
−40°C to +105°C
48-Lead Low Profile Quad Flat Package [LQFP]
ST-48
AD7262BSTZ-RL7
−40°C to +105°C
48-Lead Low Profile Quad Flat Package [LQFP]
ST-48
AD7262BSTZ-5
−40°C to +105°C
48-Lead Low Profile Quad Flat Package [LQFP]
ST-48
AD7262BSTZ-5-RL7
−40°C to +105°C
48-Lead Low Profile Quad Flat Package [LQFP]
ST-48
EVAL-AD7262EDZ
Evaluation Board
EVAL-CED1Z
Development Board
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com