Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7764 Datasheet(PDF) 21 Page - Analog Devices

Part # AD7764
Description  24-Bit, 312 kSPS, 109 dB Sigma-Delta ADC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7764 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD7764 Datasheet HTML 17Page - Analog Devices AD7764 Datasheet HTML 18Page - Analog Devices AD7764 Datasheet HTML 19Page - Analog Devices AD7764 Datasheet HTML 20Page - Analog Devices AD7764 Datasheet HTML 21Page - Analog Devices AD7764 Datasheet HTML 22Page - Analog Devices AD7764 Datasheet HTML 23Page - Analog Devices AD7764 Datasheet HTML 24Page - Analog Devices AD7764 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
AD7764
Data Sheet
Rev. B | Page 20 of 33
INPUT STRUCTURE
The AD7764 requires a 4.096 V input to the reference pin,
VREF+, supplied by a high precision reference, such as the ADR444.
Because the input to the Σ-Δ modulator of the device is fully
differential, the effective differential reference range is 8.192 V.
VREF + (Diff) = 2 × 4.096 = 8.192 V
As is inherent in Σ-Δ modulators, only a certain portion of this
full reference can be used. With the AD7764, 80% of the full
differential reference can be applied to the differential inputs of
the modulator.
Modulator_InputFULL SCALE = 8.192 V × 0.8 = 6.5536 V
This means that a maximum of ±3.2768 V p-p full scale can be
applied to each of the AD7764 modulator inputs (Pin 5 and Pin 6),
with the AD7764 being specified with an input −0.5 dB down
from full scale (−0.5 dBFS). The AD7764 modulator inputs
must have a common-mode input of 2.048 V.
Figure 36 shows the relative scaling between the differential
voltages applied to the modulator pins and the respective
24-bit, twos complement digital outputs.
INPUT TO MODULATOR
PIN 5 AND PIN 6
VIN– AND VIN+
VIN+ = 3.6855V
0111 1111 1111 1111 1111 1111
0000 0000 0000 0000 0000 0000
+3.2768V = MODULATOR FULL-SCALE = 80% OF 4.096V
80% OF 4.096V = MODULATOR FULL-SCALE = –3.2768V
+4.096V
–4.096V
VIN– = 0.4105V
VIN+ = 2.048V
VIN– = 2.048V
VIN– = 3.6855V
VIN+ = 0.4105V
1000 0000 0000 0000 0000 0000
0111 1000 1101 0110 1111 1101
1000 0111 0010 1001 0000 0010
–0.5dBFS INPUT
–0.5dBFS INPUT
OVERRANGE REGION
OVERRANGE REGION
DIGITAL OUTPUT
ON SDO PIN
0000 0000 0000 0000 0000 0001
1111 1111 1111 1111 1111 1111
TWOS COMPLEMENT
DIGITAL OUTPUT
INPUT VOLTAGE (V)
Figure 36. AD7764 Scaling: Modulator Input Voltage vs. Digital Output Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com